Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAR892 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # ATAR892
Description  Low-current Microcontroller for Wireless Communication
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR892 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button ATAR892 Datasheet HTML 45Page - ATMEL Corporation ATAR892 Datasheet HTML 46Page - ATMEL Corporation ATAR892 Datasheet HTML 47Page - ATMEL Corporation ATAR892 Datasheet HTML 48Page - ATMEL Corporation ATAR892 Datasheet HTML 49Page - ATMEL Corporation ATAR892 Datasheet HTML 50Page - ATMEL Corporation ATAR892 Datasheet HTML 51Page - ATMEL Corporation ATAR892 Datasheet HTML 52Page - ATMEL Corporation ATAR892 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 100 page
background image
49
ATAR092/ATAR892
4535C–4BMCU–02/04
Timer 3 – Mode 8:
FSK Modulation with Shift Register Data (SO)
The two compare registers are used for generating two different time intervals. The SSI
internal data output (SO) selects which compare register is used for the output fre-
quency generation. A ‘0’ level at the SSI data output enables the compare register 1. A
‘1’ level enables compare register 2. The compare- and compare mode registers must
be programmed to generate the two frequencies via the output toggle flip-flop. The SSi
can be supplied with the toggle signal of Timer 2. The Timer 3 counter is driven by an
internal or external clock source. The Timer 2 counter is driven by the Counter 3 (TOG3)
(see also combination mode 13).
Figure 51. FSK Modulation
Timer 3 – Mode 9:
Pulse-width Modulation with the Shift Register
The two compare registers are used for generating two different time intervals. The SSI
internal data output (SO) selects which compare register is used for the output pulse
generation. In this mode both compare- and compare mode registers must be pro-
grammed for generating the two pulse widths. It is also useful to enable the single-action
mode for extreme duty cycles. Timer 2 is used as baudrate generator and for the trigger
restart of Timer 3. The SSI must be supplied with a toggle signal of Timer 2. The counter
is driven by an internal or external clock source (see combination mode 7).
Figure 52. Pulse-width Modulation
012340 1 23401 2 3
Counter 3
CM31
CM32
SO
40 1 2 0 1 2012 0 120 1 201201 20 1 2 3
T3R
40
T3O
1
01
0
000 00 00 0 0
00 0 0
Counter 3
CM31
CM32
T3O
00 0 001 234 5 6 7 8 9101112131415 0 12 345
TOG2
67 8
1
9
1112
10
14
13
0
2 3
14
15
0
0
0
1
SIR
SO
SCO
T3R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com