Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1601A Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP1601A
Description  1A Synchronous Step-down Converter with Forced CCM Mode
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1601A Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP1601A Datasheet HTML 7Page - Monolithic Power Systems MP1601A Datasheet HTML 8Page - Monolithic Power Systems MP1601A Datasheet HTML 9Page - Monolithic Power Systems MP1601A Datasheet HTML 10Page - Monolithic Power Systems MP1601A Datasheet HTML 11Page - Monolithic Power Systems MP1601A Datasheet HTML 12Page - Monolithic Power Systems MP1601A Datasheet HTML 13Page - Monolithic Power Systems MP1601A Datasheet HTML 14Page - Monolithic Power Systems MP1601A Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
MP1601A – 1A, SYNCHRONOUS, STEP-DOWN CONVERTER IN A SOT563
MP1601A Rev. 1.0
www.MonolithicPower.com
11
9/2/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
FB
Feedback. An external resistor divider from the output to GND tapped to FB sets the output
voltage.
2
GND
Power ground.
3
VIN
Supply voltage. The MP1601A operates from a 2.3V to 5.5V unregulated input. A decoupling
capacitor is needed to prevent large voltage spikes from appearing at the input.
4
SW
Output switching node. SW is the drain of the internal, high-side, P-channel MOSFET.
Connect the inductor to SW to complete the converter.
5
EN
On/off control.
6
OUT
Output voltage power rail and input sense pin for the output voltage. Connect the load
to OUT. An output capacitor is needed to decrease the output voltage ripple.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com