Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1605 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP1605
Description  2A, Synchronous, Step-Down Converter with Low 11uA Quiescent Current
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1605 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP1605 Datasheet HTML 8Page - Monolithic Power Systems MP1605 Datasheet HTML 9Page - Monolithic Power Systems MP1605 Datasheet HTML 10Page - Monolithic Power Systems MP1605 Datasheet HTML 11Page - Monolithic Power Systems MP1605 Datasheet HTML 12Page - Monolithic Power Systems MP1605 Datasheet HTML 13Page - Monolithic Power Systems MP1605 Datasheet HTML 14Page - Monolithic Power Systems MP1605 Datasheet HTML 15Page - Monolithic Power Systems MP1605 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
MP1605
– 2A, SYNCHRONOUS, STEP-DOWN SWITCHER WITH 11µA IQ
MP1605 Rev. 1.0
www.MonolithicPower.com
12
6/17/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
The MP1605 uses constant on-time control with
input voltage feed-forward to stabilize the
switching frequency over the full input range. It
achieves 2A of output current from a 2.3V to
5.5V input voltage range with excellent load and
line regulation. The output voltage can be
regulated as low as 0.6V.
Constant-On-Time Control
Compared to fixed frequency PWM control,
constant-on-time control offers a simpler control
loop and faster transient response. By using
input
voltage
feed-forward,
the
MP1605
maintains a nearly constant switching frequency
across the input and output voltage ranges. The
switching pulse on time can be estimated with
Equation (1):
OUT
ON
IN
V
T
0.454 s
V
(1)
To prevent inductor current runaway during the
load
transient,
the
MP1605
has
a
fixed
minimum off time of 60ns.
Sleep Mode Operation
The MP1605 features sleep mode to achieve
high efficiency at extreme light-load. In sleep
mode, most of the circuit blocks are turned off
except
for
the
error
amplifier
and
PWM
comparator. The operation current is reduced to
a minimal value (see Figure 2).
Bias
&
Voltage
Reference
0.6V
FB
+
+
-
FBCOMP
Soft start
E.A.
+
-
+
Ramp
generator
SW
Lo-Iq
Lo-Iq
Figure 2: Operation Blocks at Sleep Mode
When the load becomes lighter, the ripple of the
output voltage becomes larger and drives the
error amplifier output (EAO) lower. When the
EAO reaches the internal low threshold, it is
clamped at that level, and the MP1605 enters
sleep mode. During sleep mode, the valley of
the FB voltage is regulated to the internal
reference
voltage.
Therefore,
the
average
output voltage is slightly higher than the output
voltage in DCM or CCM. The on-time pulse in
sleep mode is around 40% larger than that in
DCM or CCM. Figure 3 shows the average FB
voltage relationship with the internal reference
in sleep mode.
FB
Vref
Average FB
Figure 3: FB Average Voltage at Sleep Mode
When the MP1605 is in sleep mode, the
average output voltage is higher than the
internal reference voltage. The EAO is kept low
and clamped in sleep mode. When the load
increases,
the
PWM
switching
period
decreases to keep the output voltage regulated,
and
the
output
voltage
ripple
decreases
relatively. Once the EAO is higher than the
internal low threshold, the MP1605 exits sleep
mode and enters DCM or CCM depending on
the load. In DCM or CCM, the error amplifier
(EA) regulates the average output voltage to
the internal reference (see Figure 4).
FB+ Ramp
EA out
Average FB= REF
Figure 4: DCM Control
There is always a loading hysteresis when
entering and exiting sleep mode due to the EA
clamping response time.
AAM Operation at Light-Load Operation
The MP1605 uses advanced asynchronous
modulation (AAM) power-save mode with zero-
current cross detection (ZCD) circuit for light
load.
The MP1605 uses AAM power-save mode for
light load. The simplified AAM control theory is
shown in Figure 5. The AAM current (IAAM) is set
internally. The SW on pulse time is determined
by the on-time generator and AAM comparator.
At light-load condition, the SW on pulse time is
longer. If the AAM comparator pulse is longer
than the on-time generator, the operation mode
is as shown in Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com