Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM690AESA Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # ASM690AESA
Description  UP Power Supply Supervisor With Battery Backup Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM690AESA Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button ASM690AESA Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM690AESA Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM690AESA Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM690AESA Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM690AESA Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM690AESA Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM690AESA Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM690AESA Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM690AESA Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6 of 13
Notice: The information in this document is subject to change without notice
ASM690A / 692A
ASM802L / 802M
ASM805L
µP Power Supply Supervisor With Battery Backup Switch
rev 1.0
October 2003
Operation without a Backup Power Source
When operating without a back-up power source, the VBATT
pin should be connected to GND and VOUT should be
connected to VCC, since power source switchover will not
occur. Connecting VOUT to VCC eliminates the voltage drop
due to the ON-resistance of the PMOS switch.
Power-Fail Comparator
The Power Fail feature is an independent voltage monitoring
function that can be used for any number of monitoring
activities. The PFI function can provide an early sensing of
power supply failure by sensing the voltage of the
unregulated DC ahead of the regulated supply sensing seen
by the backup-battery switchover circuitry. The PFI pin is
compared to a 1.25V internal reference. If the voltage at the
PFI pin is less than this reference voltage, the PFO pin goes
low. By sensing the voltage of the raw DC power supply, the
microprocessor system can prepare for imminent power-loss,
especially if the battery backup supply is not enabled. The
input voltage at the PFI pin results from a simple resistor
voltage divider as shown in Figure 6.
Power Fail Hysteresis
A noise margin can be added to the simple monitoring circuit
of Figure 6 by adding positive feedback from the PFO pin.
The circuit of Figure 7 adds this positive “latching” effect by
means of an additional resistor R3 connected between PFO
and PFI which helps in pulling PFI in the direction of PFO and
eliminating an indecision at the trip point. Resistor R3 is
normally about 10 times higher in resistance than R2 to keep
the hysteresis band reasonable and should be larger than
10k
Ω to avoid excessive loading on the PFO pin. The
calculations for the correct values of resistors to set the
hysteresis thresholds are given in Figure 7. A capacitor can
be added to offer additional noise rejection by low-pass
filtering.
VCC
PFI
PFO
GND
R1
R2
ASM690A
ASM692A
ASM802L
ASM802M
ASM805L
A
B
+5V
PFO
0V
A
5R2
R1 R2
+
-------------------- 1.25V
<
=
B
5R2
R1 R2
+
-------------------- 1.25V
>
=
Figure 6: Simple Voltage divider sets PFI trip point
+5V
VIN
VCC
PFI
PFO
GND
+5V
R3
R2
R1
VIN
To µP
ASM690A
ASM692A
ASM802L
ASM802M
ASM805L
C1*
* Optional
+5V
PFO
0V
0V
VL
VH
VTRIP
Figure 7: Hysterisis Added To PFI Pin
V
TRIP
1.25
R2
R2 R2
+
--------------------
⎝⎠
⎜⎟
⎛⎞
-------------------------
=
VH
1.25
R2 R3
||
R1 R2 R3
||
+
------------------------------
⎝⎠
⎛⎞
------------------------------------
=
VL 1.25
R1
----------------------- 51.25
R3
-------------------
+
1.25
R2
----------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com