Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2143H Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2143H
Description  3A, 5.5V, 2.0MHz Synchronous Step Down Switcher
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2143H Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2143H Datasheet HTML 1Page - Monolithic Power Systems MP2143H Datasheet HTML 2Page - Monolithic Power Systems MP2143H Datasheet HTML 3Page - Monolithic Power Systems MP2143H Datasheet HTML 4Page - Monolithic Power Systems MP2143H Datasheet HTML 5Page - Monolithic Power Systems MP2143H Datasheet HTML 6Page - Monolithic Power Systems MP2143H Datasheet HTML 7Page - Monolithic Power Systems MP2143H Datasheet HTML 8Page - Monolithic Power Systems MP2143H Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MP2143H – 3A, 5.5V, 2.0MHz, SYNCHRONOUS STEP-DOWN SWITCHER
MP2143H Rev. 1.02
www.MonolithicPower.com
2
6/30/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP2143HGD
QFN-10(2mmx3mm)
See Below
* For Tape & Reel, add suffix –Z (e.g. MP2143HGD–Z).
TOP MARKING
AMT: product code of MP2143HGD;
Y: year code;
WW: week code:
LLL: lot number;
PACKAGE REFERENCE
QFN-10 (2mmx 3mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com