Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2162A Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2162A
Description  2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2162A Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2162A Datasheet HTML 8Page - Monolithic Power Systems MP2162A Datasheet HTML 9Page - Monolithic Power Systems MP2162A Datasheet HTML 10Page - Monolithic Power Systems MP2162A Datasheet HTML 11Page - Monolithic Power Systems MP2162A Datasheet HTML 12Page - Monolithic Power Systems MP2162A Datasheet HTML 13Page - Monolithic Power Systems MP2162A Datasheet HTML 14Page - Monolithic Power Systems MP2162A Datasheet HTML 15Page - Monolithic Power Systems MP2162A Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
MP2162A – 2A, 6V, 1.5MHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2162A Rev. 1.03
www.MonolihicPower.com
12
6/30/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
The external resistor divider sets the output
voltage (see Typical Application on page 1).
The feedback resistor R1 cannot be too large or
too small, considering the trade-off between a
dynamic circuit and stability in the circuit. Set
R1 to around 120kΩ to 200kΩ. R2 is then given
by Equation (2):
out
R1
R2
V
1
0.6
(2)
The feedback circuit is shown in Figure 2.
R1
R2
Vout
FB
MP2162A
Figure 2: Feedback Network
Table 1 lists the recommended resistor values
for common output voltages.
Table 1: Resistor Selection for Common Output
Voltages
VOUT (V)
R1 (kΩ)
R2 (kΩ)
1.0
200 (1%)
300 (1%)
1.2
200 (1%)
200 (1%)
1.8
200 (1%)
100 (1%)
2.5
200 (1%)
63.2 (1%)
3.3
200 (1%)
44.2 (1%)
Selecting the Inductor
A 0.68µH to 2.2µH inductor is recommended for
most applications. For the highest efficiency,
choose an inductor with a DC resistance of less
than 15mΩ. For most designs, the inductance
value can be derived from Equation (3):
OUT
IN
OUT
1
IN
L
OSC
V(V
V
)
L
VI
f

 
(3)
Where ΔIL is the inductor ripple current.
Set the inductor current to be approximately
30% of the maximum load current. The
maximum inductor peak current is calculated in
Equation (4):
2
I
I
I
L
LOAD
)
MAX
(
L
(4)
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous and requires a capacitor to
supply the AC current to the step-down
converter while maintaining the DC input
voltage. Use low ESR capacitors for the best
performance. Ceramic capacitors with X5R or
X7R dielectrics are highly recommended
because of their low ESR values and small
temperature coefficients. For most applications,
a 10µF capacitor is sufficient. For a higher
output voltage, a 47µF capacitor may be
needed to improve system stability.
Since the input capacitor absorbs the input
switching current, it requires an adequate ripple
current rating. The RMS current in the input
capacitor can be estimated with Equation (5):
IN
OUT
IN
OUT
LOAD
1
C
V
V
1
V
V
I
I
(5)
The worse case condition occurs at VIN = 2VOUT,
shown in Equation (6):
2
I
I
LOAD
1
C
(6)
For simplification, choose an input capacitor
with an RMS current rating greater than half of
the maximum load current.
The input capacitor can be electrolytic, tantalum,
or ceramic. When using electrolytic or tantalum
capacitors, use a small, high-quality ceramic
capacitor (i.e. 0.1μF) and place it as close to
the IC as possible. When using ceramic
capacitors, make sure that they have enough
capacitance to provide a sufficient enough
charge to prevent an excessive voltage ripple at
the input. The input voltage ripple caused by
capacitance can be estimated with Equation (7):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com