Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT2801 Datasheet(PDF) 9 Page - Active-Semi, Inc

Part # ACT2801
Description  5V/1.5A Backup Battery Pack Manager
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2801 Datasheet(HTML) 9 Page - Active-Semi, Inc

Back Button ACT2801_17 Datasheet HTML 5Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 6Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 7Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 8Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 9Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 10Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 11Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 12Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 13Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Rev 9, 14-Mar-17
Innovative PowerTM
- 9 -
www.active-semi.com
Copyright © 2015-2017 Active-Semi, Inc.
ACT2801/ACT2801B/ACT2801C
FUNCTIONAL BLOCK DIAGRAM FOR ACT2801
VBAT
Driver
UVLO
VIN
SW
L1
2.2µH
CSP
CSN
VOUT
CBAT
PWM Controller
Power Management
LED4
Battery Level
Indication
Current limit
BAT
5V
5V
COUT
TH
Body
Control
VIN
BLVS
RIMC
ILIM
HZ
BTV
ICST
IOST
PGND
PB
AGND
Q1
90mΩ
Q2
70mΩ
Q3
75mΩ
NTC
VBAT
Rcs
LED3
LED1
LED2
FUNCTIONAL BLOCK DIAGRAM FOR ACT2801B/ACT2801C
VBAT
Driver
UVLO
VIN
SW
L1
2.2µH
CSP
CSN
VOUT
CBAT
PWM Controller
Power Management
LED4
Battery Level
Indication
Current limit
BAT
5V
5V
COUT
FLD
Body
Control
VIN
BLVS
RIMC
ILIM
HZ
BTV
ICST
IOST
PGND
PB
AGND
Q1
90mΩ
Q2
70mΩ
Q3
75mΩ
VBAT
Rcs
LED3
LED1
LED2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com