Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8847 Datasheet(PDF) 36 Page - Active-Semi, Inc

Part # ACT8847
Description  Advanced PMU for Multi-core Application Processors
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8847 Datasheet(HTML) 36 Page - Active-Semi, Inc

Back Button ACT8847 Datasheet HTML 32Page - Active-Semi, Inc ACT8847 Datasheet HTML 33Page - Active-Semi, Inc ACT8847 Datasheet HTML 34Page - Active-Semi, Inc ACT8847 Datasheet HTML 35Page - Active-Semi, Inc ACT8847 Datasheet HTML 36Page - Active-Semi, Inc ACT8847 Datasheet HTML 37Page - Active-Semi, Inc ACT8847 Datasheet HTML 38Page - Active-Semi, Inc ACT8847 Datasheet HTML 39Page - Active-Semi, Inc ACT8847 Datasheet HTML 40Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
ACT8847
Rev 9, 27-June-17
Innovative PowerTM
- 36 -
www.active-semi.com
Copyright © 2015-2017 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
General Description
REG13 is an always-on, low-dropout linear
regulator (LDO) that is optimized for RTC and
backup-battery applications. REG13 features low-
quiescent supply current, current-limit protection,
and reverse-current protection, and is ideally suited
for always-on power supply applications, such as
for a real-time clock, or as a backup-battery or
super-cap charger.
Reverse-Current Protection
REG13 features internal circuitry that limits the
reverse supply current to less than 1µA when the
input voltage falls below the output voltage, as can
be
encountered
in
backup-battery
charging
applications. REG13's internal circuitry monitors the
input and the output, and disconnects internal
circuitry and parasitic diodes when the input voltage
falls below the output voltage, greatly minimizing
backup battery discharge.
Typical Application
Voltage Regulators
REG13 is ideally suited for always-on voltage-
regulation applications, such as for real-time clock
and memory keep-alive applications. This regulator
requires only a small ceramic capacitor with a
minimum capacitance of 0.47μF for stability. For
best performance, the output capacitor should be
connected directly between the output and GA, with
a short and direct connection.
Figure 5:
Typical Application of RTC LDO
Backup Battery Charging
REG13 features a constant current-limit, which
protects the IC under output short-circuit conditions
as well as provides a constant charge current, when
operating as a backup battery charger.
ALWAYS-ON LDO (REG13)
ACT8847
RTC
Supper cap or
Back- up battery
OUT13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com