Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8870QJ-T Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT8870QJ-T
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8870QJ-T Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT8870QJ-T Datasheet HTML 1Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 2Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 3Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 4Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 5Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 6Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 7Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 8Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
ACT8870QJ-T
Rev 3.0, 02-Oct-2017
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi.
Copyright © 2016-2017 Active-Semi, Inc.
I2CTM is a trademark of NXP
4
ORDERING INFORMATION
PART NUMBER
VOUT1
VOUT2
VOUT3
VOUT4
VLDO1
VLDO2
VLDO3
Device ID
0x7DFh
Package
ACT8870QJ101-T
Off
1.5V
1.25V
3.3V
3.3V
1.8V
2.5V
0x2Fh
5x5 40 pin
ACT8870QJ102-T
3.3V
1.5V/1.35V
1.2V/1.8V
1.15V
3.3V
1.8V
1.8V
0x0Bh
5x5 40 pin
ACT8870QJ104-T
3.3V
1.5V/1.35V
1.2V/1.8V
1.2V
3.3V
1.8V
1.8V
0x0Dh
5x5 40 pin
ACT88 70QJxxx-T
CMI Option
Pin Count
Package Code
Product Number
Tape and Reel
Note 1: Standard product options are identified in this table. Contact factory for custom options, minimum order quantity required.
Note 2: All Active-Semi components are RoHS Compliant and with Pb-free plating unless specified differently. The term Pb-free means semiconductor
products that are in compliance with current RoHS (Restriction of Hazardous Substances) standards.
Note 3: Package Code designator “Q” represents QFN
Note 4: Pin Count designator “J” represents 40 pins
Note 5: “xxx” represents the CMI (Code Matrix Index) option The CMI identifies the IC’s default register settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com