Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL945PC Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # ADL945PC
Description  Power Management
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADL945PC Datasheet(HTML) 1 Page - ADL Embedded Solutions

  ADL945PC Datasheet HTML 1Page - ADL Embedded Solutions ADL945PC Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ADL Embedded Solutions GmbH, Eiserfelder Straße 316 D-57080 Siegen,
ADL Embedded Solutions Inc., 4411 Morena Blvd., Suite 101
Germany P. +49 (0) 271 250 810 0 F. +49 (0) 271 250 810 20
San Diego, CA 92117-4345 P. +1 858 490-0597 F. +1 858 490-0599
e-mail: sales@adl-europe.com; web: www.adl-europe.com
e-mail: sales@adl-usa.com; web: www.adl-usa.com
PC/104-PLUS
Data subject to change without notice
Embedded Solutions
ADL945PC
Intel
® Core™2 Duo / Core™Duo / Core™Solo: 1.0GHz - 2.16GHz
Features
• Intel® Core™2 Duo / Core™Duo / Core™Solo
• 1.0GHz - 2.16GHz
• Power Management
• 512MB - 2048MB DDR2-DRAM
• CRT / LCD interface on-board
• 10/100 Base-T LAN-Ethernet
• 1000 Base-T LAN-Ethernet
• 6x USB2.0 Ports
• PATA Hard Disk Interface
• COM1, COM2, LPT1
• RTC and Watchdog Timer
• Non Volatile Setup Save
• Single 5VDC Power Supply
• 2x SATA
• Windows 7, Windows 8, Linux Compatible
Description
The ADL945PC is based on the Intel
® Core™2 Duo /
Core
™Duo / Core™Solo Processors, with clock
speeds up to 2.16GHz, and the Intel
® 945GM chip-
set,
The Intel
® Generation 3.5 graphics engine is
integrated into the chipset, along with the Intel
®
Graphics Media Accelerator 950 (Intel
® GMA 950),
and can drive either a CRT and/or LVDS LCD.
The memory is added by way of a SODIMM200
socket and can accept up to two Gigabytes of DDR2
DRAM. The ADL945PC power management incor-
porates ACPI/APM functions. The standard
ADL945PC also incorporates PCI/104 Bus, EIDE,
4xUSB 2.0, 2xRS232 COM ports, PS/2 Keyboard
and Mouse, parallel printer, AC97 Sound (0°C to
+70°C only), separate 10/100Mbit and Gigabit LAN,
and more.
ADL Embedded Solutions offers highly effective ac-
tive and passive cooling solutions based on proven
thermal data and mounting techniques; resulting in
the least possible mechanical board stress. Please
contact your Sales Engineer for detailed information
on cooling solutions to fit your needs.
Ordering Information
Item Codes
Part#
Description
ADL945PC-T7400
292115
Dual Core (2) 2.16GHz, 4M cache
ADL945PC-L7400
292116
Dual Core (2) 1.5GHz, 4M cache
ADL945PC-L2400
292113
Dual Core 1.66GHz, 2M cache
ADL945PC-U2500
292112
Dual Core 1.2GHz, 2M cache
ADL945PC-440CM
292111
Single Core 1.86GHz, 1M cache
ADL945PC-423CM
292110
Single Core 1.07GHz, 1M cache*
* Long lead-time may apply to this item
Thermal Solutions
ADLTS2HSS
292054
Two piece heat sink set
ADLTS2Pipe
293054
Patented Chassis-mounted Heat pipe
ADLTS2HSS-Fan
293057
Fan for two piece heat sink set
ADL945PC-SPREADER
293162
.6" heat spreader
ADL945PC-SPREADER2
293163
1" heat spreader
ADL945PC-LTSPREADER
293166
.6" heat spreader, lightweight
Standard & Extended DDR-RAM
DDR2-DRAM512
TBD
DDR2-667MHz 512MB Standard Temp.
DDR2-DRAM1024
996050
DDR2-667MHz 1GB Standard Temp.
DDR2-DRAM2048
996150
DDR2-667MHz 2GB Standard Temp.
DDR2-DRAM512-EX
TBD
DDR2-667MHz 512MB Extended Temp.
DDR2-DRAM1024-EX
996051
DDR2-667MHz 1GB Extended Temp.
DDR2-DRAM2048-EX
996151
DDR2-667MHz 2GB Extended Temp.
Optional Cables
ADL945PC-CK
293046
Development cable kit
ADL9XX-PC
100-9812 ADL power cable for ADL945
Individual development cables are available, please contact our sales department.
Shown with ADL945PC-LTSPREADER


Similar Part No. - ADL945PC

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ADL945PC ADL-ADL945PC Datasheet
541Kb / 2P
Duo / Core Solo: 1.0GHz - 2.16GHz
ADL945PC-423CM ADL-ADL945PC-423CM Datasheet
541Kb / 2P
Duo / Core Solo: 1.0GHz - 2.16GHz
ADL945PC-440CM ADL-ADL945PC-440CM Datasheet
541Kb / 2P
Duo / Core Solo: 1.0GHz - 2.16GHz
ADL945PC-L2400 ADL-ADL945PC-L2400 Datasheet
541Kb / 2P
Duo / Core Solo: 1.0GHz - 2.16GHz
ADL945PC-L7400 ADL-ADL945PC-L7400 Datasheet
541Kb / 2P
Duo / Core Solo: 1.0GHz - 2.16GHz
More results

Similar Description - ADL945PC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Toshiba Semiconductor
SSM6P05FU TOSHIBA-SSM6P05FU_07 Datasheet
154Kb / 5P
Power Management Switch
logo
ATMEL Corporation
AT73C211 ATMEL-AT73C211 Datasheet
107Kb / 4P
Power Management
AT73C203 ATMEL-AT73C203_14 Datasheet
54Kb / 106P
Power Management
logo
Unisonic Technologies
IMZ2A UTC-IMZ2A_15 Datasheet
110Kb / 3P
POWER MANAGEMENT
logo
Texas Instruments
TPS65218 TI1-TPS65218 Datasheet
1Mb / 87P
Power Management
logo
Exar Corporation
XR76205EL-Q EXAR-XR76205EL-Q Datasheet
1Mb / 25P
Power Management
logo
Rohm
EMC4 ROHM-EMC4 Datasheet
63Kb / 3P
Power management
logo
Guangdong Kexin Industr...
FMY4A KEXIN-FMY4A Datasheet
210Kb / 4P
Power Management
logo
Tiger Electronic Co.,Lt...
EMC5 TGS-EMC5 Datasheet
106Kb / 3P
Power management
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com