Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2225 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2225
Description  High-Efficiency, 5A, 18V, 500kHz Synchronous, Step-Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2225 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2225 Datasheet HTML 1Page - Monolithic Power Systems MP2225 Datasheet HTML 2Page - Monolithic Power Systems MP2225 Datasheet HTML 3Page - Monolithic Power Systems MP2225 Datasheet HTML 4Page - Monolithic Power Systems MP2225 Datasheet HTML 5Page - Monolithic Power Systems MP2225 Datasheet HTML 6Page - Monolithic Power Systems MP2225 Datasheet HTML 7Page - Monolithic Power Systems MP2225 Datasheet HTML 8Page - Monolithic Power Systems MP2225 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MP2225 –18V/5A SYNCHRONOUS STEP-DOWN CONVERTER
MP2225 Rev. 1.01
www.MonolithicPower.com
4
4/13/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TJ = -40°C to +125°C
(6), Typical value is tested at TJ = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Supply Current (Shutdown)
IIN
VEN = 0V,TJ =25°C
1
μA
Supply Current (Shutdown)
IIN
VEN = 0V
3
μA
Supply Current (Quiescent)
IQ
VEN = 2V, VFB = 0.7V
320
400
μA
HS Switch-On Resistance
HSRDS-ON VBST-SW=5V
47
mΩ
LS Switch-On Resistance
LSRDS-ON
VCC =5V
18
mΩ
Switch Leakage
SWLKG
VEN = 0V, VSW =12V, TJ
=25°C
1
μA
Current Limit
(7)
ILIMIT
Under 40% Duty Cycle
6.5
9
A
Oscillator Frequency
FSW
VFB=0.48V
380
500
580
kHz
Fold-Back Frequency
FFB
VFB<300mV
0.56
FSW
Maximum Duty Cycle
DMAX
VFB=500mV
90
95
%
Minimum On Time
(8)
TON_MIN
50
ns
Sync Frequency Range
FSYNC
0.2
2
MHz
Feedback Voltage
VFB
TJ =25°C
594
600
606
mV
Feedback Voltage
VFB
591
600
609
mV
Feedback Current
IFB
VFB=620mV
10
50
nA
EN Rising Threshold
VEN_RISING
1.15
1.4
1.65
V
EN Hysteresis
VEN_HYS
160
mV
VEN=2V
1.85
μA
EN Input Current
IEN
VEN=0
0
μA
EN Turn-Off Delay
ENtd-off
5
10
μs
VIN Under-Voltage Lockout
Threshold-Rising
INUVVth
3.85
4.1
4.35
V
VIN Under-Voltage Lockout
Threshold-Hysteresis
INUVHYS
735
mV
Soft-Start Time
TSS
10% to 90% Output Voltage
2.4
ms
Thermal Shutdown
(8)
TSD
150
°C
Thermal Hysteresis
(8)
TSD_HYS
20
°C
Notes:
6) Not tested in production. Guaranteed by over-temperature correlation.
7) Guaranteed by engineering sample characterization.
8) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com