Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2228 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2228
Description  High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2228 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2228 Datasheet HTML 1Page - Monolithic Power Systems MP2228 Datasheet HTML 2Page - Monolithic Power Systems MP2228 Datasheet HTML 3Page - Monolithic Power Systems MP2228 Datasheet HTML 4Page - Monolithic Power Systems MP2228 Datasheet HTML 5Page - Monolithic Power Systems MP2228 Datasheet HTML 6Page - Monolithic Power Systems MP2228 Datasheet HTML 7Page - Monolithic Power Systems MP2228 Datasheet HTML 8Page - Monolithic Power Systems MP2228 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MP2228 – SYNCHRONOUS STEP-DOWN CONVERTER
MP2228 Rev. 1.1
www.MonolithicPower.com
3
8/20/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = 25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
VFB = 1V, VAAM=0.5V
0.55
0.8
Supply Current (Quiescent)
Iq
VFB = 1V, VAAM=5V
0.75
1
mA
HS Switch-On Resistance
HSRDS-ON VBST-SW=5V
100
mΩ
LS Switch-On Resistance
LSRDS-ON VCC =5V
40
mΩ
Switch Leakage
SWLKG
VSW =12V
0.1
μA
Current Limit
(5)
ILIMIT
Under 40% Duty Cycle
3
4.5
A
Oscillator Frequency
fSW
VFB=0.75V
660
800
940
kHz
Fold-Back Frequency
fFB
VFB<400mV
0.25
fSW
Maximum Duty Cycle
DMAX
VFB=700mV
90
95
%
Minimum On Time
(5)
τON_MIN
40
ns
Feedback Voltage
VFB
TA =25°C
791
807
823
mV
Feedback Current
IFB
VFB=820mV
10
50
nA
VIN Under-Voltage Lockout
Threshold—Rising
INUVVth
4.9
5.3
5.85
V
VIN Under-Voltage Lockout
Threshold—Hysteresis
INUVHYS
1.1
V
VCC Regulator
VCC
4.75
4.9
5.05
V
VCC Load Regulation
ICC=5mA
3
%
Soft-Start Current
ISS
7.6
10.5
13.4
μA
Thermal Shutdown
(5)
150
°C
Thermal Hysteresis
(5)
20
°C
Notes:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com