Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2229 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP2229
Description  High Efficiency 21V, 6A Synchronous Step-Down Converter with External Sync, Low-Power Mode, and External Soft-Start
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2229 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP2229 Datasheet HTML 10Page - Monolithic Power Systems MP2229 Datasheet HTML 11Page - Monolithic Power Systems MP2229 Datasheet HTML 12Page - Monolithic Power Systems MP2229 Datasheet HTML 13Page - Monolithic Power Systems MP2229 Datasheet HTML 14Page - Monolithic Power Systems MP2229 Datasheet HTML 15Page - Monolithic Power Systems MP2229 Datasheet HTML 16Page - Monolithic Power Systems MP2229 Datasheet HTML 17Page - Monolithic Power Systems MP2229 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
MP2229 – 21V, 6A SYNCHRONOUS STEP-DOWN CONVERTER
MP2229 Rev. 1.0
www.MonolithicPower.com
14
2/12/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
placed between SW and the BST capacitor is
recommended strongly to reduce the SW spike
voltage and noise.
FIGURE 5. Internal Bootstrap Charging Circuit
Start-Up and Shutdown
If both VIN and EN exceed their respective
thresholds, the chip is enabled. The reference
block starts up first, generating a stable
reference voltage, and then the internal regulator
is enabled. The regulator provides a stable
supply for the remaining circuitries.
Three events can shut down the chip: EN low,
VIN low, and thermal shutdown. In shutdown, the
signaling path is blocked first to avoid any fault
triggering. The COMP voltage and the internal
supply rail are then pulled down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com