Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPT80A Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LPT80A
Description  Silicon NPN Phototransistor Version 1.3
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LPT80A Datasheet(HTML) 1 Page - OSRAM GmbH

  LPT80A Datasheet HTML 1Page - OSRAM GmbH LPT80A Datasheet HTML 2Page - OSRAM GmbH LPT80A Datasheet HTML 3Page - OSRAM GmbH LPT80A Datasheet HTML 4Page - OSRAM GmbH LPT80A Datasheet HTML 5Page - OSRAM GmbH LPT80A Datasheet HTML 6Page - OSRAM GmbH LPT80A Datasheet HTML 7Page - OSRAM GmbH LPT80A Datasheet HTML 8Page - OSRAM GmbH LPT80A Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2016-01-04
1
2016-01-04
Silicon NPN Phototransistor
Version 1.3
LPT 80 A
Ordering Information
Features:
•
Spectral range of sensitivity:
(typ) 450 ... 1100 nm
•
Package: Sidelooker, Epoxy
•
Special: High photosensitivity
•
Same package as IR emitter IRL 81 A
Applications
•
A variety of manufacturing and monitoring applications
•
Photointerrupters
Type:
Photocurrent
Ordering Code
IPCE [µA]
λ = 950 nm, Ee = 0.5 mW/cm
2,
VCE = 5 V
LPT 80A
≥ 250
Q68000A7852


Similar Part No. - LPT80A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LPT80A SIEMENS-LPT80A Datasheet
36Kb / 4P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
More results

Similar Description - LPT80A

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH310FA OSRAM-SFH310FA Datasheet
273Kb / 10P
Silicon NPN Phototransistor Version 1.3
SFH314 OSRAM-SFH314 Datasheet
388Kb / 10P
Silicon NPN Phototransistor Version 1.3
SFH314FA OSRAM-SFH314FA Datasheet
219Kb / 10P
Silicon NPN Phototransistor Version 1.3
SFH325FA OSRAM-SFH325FA Datasheet
396Kb / 14P
Silicon NPN Phototransistor in SMT SIDELED짰-Package Version 1.3
SFH3410R OSRAM-SFH3410R Datasheet
598Kb / 12P
Silicon NPN Phototransistor with V貫 Characteristics Version 1.3
SFH3716 OSRAM-SFH3716 Datasheet
374Kb / 12P
Silicon NPN Phototransistor with V貫 Characteristics Version 1.3
BPX-38 OSRAM-BPX-38 Datasheet
389Kb / 10P
Silicon NPN Phototransistor Version 1.3
BPX-43 OSRAM-BPX-43 Datasheet
574Kb / 10P
Silicon NPN Phototransistor Version 1.3
BPX-85 OSRAM-BPX-85 Datasheet
331Kb / 11P
Silicon NPN Phototransistor Arrays Version 1.3
BPY-62 OSRAM-BPY-62 Datasheet
518Kb / 10P
Silicon NPN Phototransistor Version 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com