Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR074 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LR074
Description  LOW NOISE J-FET QUAD OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR074 Datasheet(HTML) 3 Page - Leshan Radio Company

  LR074 Datasheet HTML 1Page - Leshan Radio Company LR074 Datasheet HTML 2Page - Leshan Radio Company LR074 Datasheet HTML 3Page - Leshan Radio Company LR074 Datasheet HTML 4Page - Leshan Radio Company LR074 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Output Shout-Circuit Current
Ios
Ta=+25
C
Tmin
≤Ta≤Tmax
10
10
40
60
60
mA
Output Voltage Swing
±Vopp
Ta=+25
C R
L=2KΩ
RL=10KΩ
Tmin≤Ta≤Tmax
RL=2KΩ
RL=10KΩ
10
12
10
12
12
13.5
V
Slew Rate
SR
Ta=+25
C
Vin=10V,RL=2KΩ,
CL=100pF, unity again
8
13
V/
s
Rise Time
TR
Ta=+25
C
Vin=20mV,RL=2KΩ,
CL=100pF, unity again
0.1
s
Overshoot
KOV
Ta=+25
C
Vin=20mV,RL=2KΩ,
CL=100pF, unity again
10
%
Gain Band Product
GBP
Ta=+25
C
Vin=10mV,RL=2KΩ,
CL=100pF, f=100kHZ
2
3
MHZ
Input Resisance
Ri
10
12
Ω
Total Harmonic Distortion
THD
Ta=+25
C
f=1kHZ ,RL=2KΩ,
CL=100pF, Av=20dB,Vo=2Vpp
0.01
%
Equivalent Input Noise Voltage
EN
Rs=100Ω,f=1KHz
15
Hz
nv
Phase Margin
ΦM
45
degree
Channel Separation
Vo1/Vo2
Av=100
120
dB
LESHAN RADIO COMPANY, LTD.
Ver
1.1
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com