Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2233 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP2233
Description  High-Efficiency, 3A, 16V, 1.4MHz Synchronous, Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2233 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP2233 Datasheet HTML 10Page - Monolithic Power Systems MP2233 Datasheet HTML 11Page - Monolithic Power Systems MP2233 Datasheet HTML 12Page - Monolithic Power Systems MP2233 Datasheet HTML 13Page - Monolithic Power Systems MP2233 Datasheet HTML 14Page - Monolithic Power Systems MP2233 Datasheet HTML 15Page - Monolithic Power Systems MP2233 Datasheet HTML 16Page - Monolithic Power Systems MP2233 Datasheet HTML 17Page - Monolithic Power Systems MP2233 Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
MP2233 – SYNCHRONOUS, STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP2233 Rev. 1.01
www.MonolithicPower.com
16
12/6/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
VCC
25V
C1A
C1
25V
22nF
C5
C6
GND
GND
GND
GND
SS
EN/SYNC
VIN
100k
R4
GND
GND
VOUT
20
R3
C4
C2
15pF
C3
L1
40.2k
R1
7.68k
R2
GND
GND
GND
24k
R5
5V / 3A
2
7
1
6
5
3
8
BST
SW
EN/SYNC
VCC
IN
MP2233
GND
FB
SS
Figure 7: VIN = 12V, 5V/3A Output
VCC
25V
C1A
C1
25V
22nF
C5
C6
GND
GND
GND
GND
SS
EN/SYNC
VIN
100k
R4
GND
GND
VOUT
20
R3
C4
C2
15pF
C3
L1
40.2k
R1
13k
R2
GND
GND
GND
24k
R5
3.3V / 3 A
2
7
1
6
5
3
8
BST
SW
EN/SYNC
VCC
IN
MP2233
GND
FB
SS
Figure 8: VIN = 12V, 3.3V/3A Output
VCC
25V
C1A
C1
25V
22nF
C5
C6
GND
GND
GND
GND
SS
EN/SYNC
VIN
100k
R4
GND
GND
VOUT
20
R3
C4
C2
15pF
C3
L1
40.2k
R1
19.1k
R2
GND
GND
GND
43k
R5
2.5V /3A
2
7
1
6
5
3
8
BST
SW
EN/SYNC
VCC
IN
MP2233
GND
FB
SS
Figure 9: VIN = 12V, 2.5V/3A Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com