Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2234 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2234
Description  High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2234 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2234 Datasheet HTML 4Page - Monolithic Power Systems MP2234 Datasheet HTML 5Page - Monolithic Power Systems MP2234 Datasheet HTML 6Page - Monolithic Power Systems MP2234 Datasheet HTML 7Page - Monolithic Power Systems MP2234 Datasheet HTML 8Page - Monolithic Power Systems MP2234 Datasheet HTML 9Page - Monolithic Power Systems MP2234 Datasheet HTML 10Page - Monolithic Power Systems MP2234 Datasheet HTML 11Page - Monolithic Power Systems MP2234 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
MP2234
– SYNCHRONOUS STEP-DOWN CONVERTER
MP2234 Rev. 1.0
www.MonolithicPower.com
8
5/16/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
1
SS
Soft-Start. Connect an external capacitor to program the soft start time for the switch mode
regulator.
2
IN
Supply Voltage. The IN pin supplies power for internal MOSFET and regulator. The
MP2234 operates from a +4.5V to +16V input rail. Requires a low-ESR, and low-
inductance capacitor (C1) to decouple the input rail. Place the input capacitor very close to
this pin and connect it with wide PCB traces and multiple vias.
3
SW
Switch Output. Connect to the inductor and bootstrap capacitor. This pin is driven up to VIN
by the high-side switch during the PWM duty cycle ON time. The inductor current drives
the SW pin negative during the OFF time. The ON resistance of the low-side switch and
the internal body diode fixes the negative voltage. Connect using wide PCB traces and
multiple vias.
4
GND
System Ground. Reference ground of the regulated output voltage. PCB layout Requires
extra care. For best results, connect to GND with copper and vias.
5
BST
Bootstrap. Requires a capacitor connected between SW and BST pins to form a floating
supply across the high-side switch driver.
6
EN/SYNC
Enable. EN=high to enable the MP2234. Apply an external clock change the switching
frequency. For automatic start-up, connect EN pin to VIN with a 100kΩ resistor.
7
VCC
Internal 5V LDO output. Powers the driver and control circuits. Decouple with 0.1
μF-to-
0.22
μF capacitor. Do not use a capacitor ≥0.22μF.
8
FB
Feedback. Connect to the tap of an external resistor divider from the output to GND to set
the output voltage. The frequency fold-back comparator lowers the oscillator frequency
when the FB voltage is below 400mV to prevent current limit runaway during a short circuit
fault. Place the resistor divider as close to the FB pin as possible. Avoid placing vias on
the FB traces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com