Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LUWC9SP Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LUWC9SP
Description  SMD ceramic package with silicon resin
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWC9SP Datasheet(HTML) 1 Page - OSRAM GmbH

  LUWC9SP Datasheet HTML 1Page - OSRAM GmbH LUWC9SP Datasheet HTML 2Page - OSRAM GmbH LUWC9SP Datasheet HTML 3Page - OSRAM GmbH LUWC9SP Datasheet HTML 4Page - OSRAM GmbH LUWC9SP Datasheet HTML 5Page - OSRAM GmbH LUWC9SP Datasheet HTML 6Page - OSRAM GmbH LUWC9SP Datasheet HTML 7Page - OSRAM GmbH LUWC9SP Datasheet HTML 8Page - OSRAM GmbH LUWC9SP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LUW C9SP
CERAMOS
TM
Ceramic TopLooker for high light output,
designed for camera flash application
Lead (Pb) Free Product - RoHS Compliant
Released
2008-11-06
1
Besondere Merkmale
• Gehäusetyp: SMD Keramik Gehäuse mit
Silikonverguss
• Typischer Lichtstrom: 92 lm bei 500 mA
• Besonderheit des Bauteils: hocheffiziente
Lichtquelle bei geringem Platzbedarf
• Farbort: x = 0,31, y = 0,32 nach
CIE 1931 (weiß)
• typische Farbtemperatur: 6500 K
• Abstrahlwinkel: Lambertscher Strahler 120°
• Technologie: ThinGaN
®
• optischer Wirkungsgrad: 54 lm/W bei
500 mA
• Gruppierungsparameter: Lichtstrom, Farbort
• Lötmethode: IR Reflow Löten
• Vorbehandlung: nach JEDEC Level 2
• Gurtung: 8-mm Gurt mit 4000/Rolle, ø180 mm
• ESD-Festigkeit:
2 kV nach JESD22-A114-D
8 kV nach IEC 61000-4-2, level 4 (contact
discharge)
Anwendungen
• Blitzlicht
• Taschenlampe
• Videoleuchte
• Fassadenbeleuchtung im Innenbereich
• Display Hinterleuchtung mit hohem
Helligkeitsbedarf z. B. TFT
Features
• package: SMD ceramic package with silicon
resin
• typical Luminous Flux: 92 lm at 500 mA
• feature of the device: high efficient lightsource
at small dimensions
• color coordinates: x = 0.31, y = 0.32 acc. to
CIE 1931 (white)
• typ. color temperature: 6500 K
• viewing angle: Lambertian Emitter 120°
• technology: ThinGaN
®
• optical efficiency: 54 lm/W at 500 mA
• grouping parameter: luminous flux,
color coordinates
• soldering methods: IR reflow soldering
• preconditioning: acc. to JEDEC Level 2
• taping: 8 mm tape with 4000/reel, ø180 mm
• ESD-withstand voltage:
2 kV acc. to JESD22-A114-D
8 kV acc. to IEC 61000-4-2, level 4 (contact
discharge).
Applications
• camera flash light / strobe light
• torch light
•video light
• indoor commercial and residential architectural
lighting
display backlight where high brightness is
required e.g. TFT


Similar Part No. - LUWC9SP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUWC9SN OSRAM-LUWC9SN Datasheet
369Kb / 18P
SMD ceramic package with silicon resin
More results

Similar Description - LUWC9SP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LAC9SM OSRAM-LAC9SM Datasheet
276Kb / 15P
SMD ceramic package with silicon resin
LUWC9SN OSRAM-LUWC9SN Datasheet
369Kb / 18P
SMD ceramic package with silicon resin
LWC9SN OSRAM-LWC9SN Datasheet
576Kb / 17P
SMD ceramic package with silicon resin
LWC9SP OSRAM-LWC9SP Datasheet
612Kb / 18P
SMD ceramic package with silicon resin
LA-C9SM OSRAM-LA-C9SM Datasheet
276Kb / 15P
SMD ceramic package with silicon resin
LW-C9SN OSRAM-LW-C9SN Datasheet
576Kb / 17P
SMD ceramic package with silicon resin
LW-C9SP OSRAM-LW-C9SP Datasheet
612Kb / 18P
SMD ceramic package with silicon resin
LCW-CQ7P.CC OSRAM-LCW-CQ7P.CC Datasheet
559Kb / 22P
SMD ceramic package with silicon resin with lens
LUW-C9SN OSRAM-LUW-C9SN Datasheet
369Kb / 18P
SMD ceramic package with silicon resin
LUW-C9SP OSRAM-LUW-C9SP Datasheet
590Kb / 18P
SMD ceramic package with silicon resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com