Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2235 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2235
Description  High-Efficiency, 3A, 16V, 800kHz Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2235 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2235 Datasheet HTML 6Page - Monolithic Power Systems MP2235 Datasheet HTML 7Page - Monolithic Power Systems MP2235 Datasheet HTML 8Page - Monolithic Power Systems MP2235 Datasheet HTML 9Page - Monolithic Power Systems MP2235 Datasheet HTML 10Page - Monolithic Power Systems MP2235 Datasheet HTML 11Page - Monolithic Power Systems MP2235 Datasheet HTML 12Page - Monolithic Power Systems MP2235 Datasheet HTML 13Page - Monolithic Power Systems MP2235 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
MP2235
– SYNCHRONOUS STEP-DOWN CONVERTER
MP2235 Rev. 1.0
www.MonolithicPower.com
10
5/16/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
OPERATION
The MP2235 is a high-frequency, synchronous,
rectified,
step-down,
switch-mode
converter
with built-in power MOSFETs. It offers a very
compact solution that achieves a 3A continuous
output current with excellent load and line
regulation over a wide input supply range.
The MP2235 operates in a fixed-frequency,
peak-current
–control mode to regulate the
output voltage. An internal clock initiates a
PWM cycle. The integrated high-side power
MOSFET turns on and remains on until the
current reaches the value set by the COMP
voltage. When the power switch is off, it
remains off until the next clock cycle starts. If,
within 95% of one PWM period, the current in
the power MOSFET does not reach the value
set by the COMP value, the power MOSFET is
forced off.
Internal Regulator
A 5V internal regulator powers most of the
internal circuitries. This regulator takes VIN and
operates in the full VIN range. When VIN
exceeds 5.0V, the output of the regulator is in
full regulation. When VIN is less than 5.0V, the
output decreases, and the part requires a 0.1µF
ceramic decoupling capacitor.
Error Amplifier
The error amplifier compares the FB pin voltage
to the internal 0.807V reference (VREF) and
outputs a current proportional to the difference
between the two. This output current then
charges
or
discharges
the
internal
compensation network to form the COMP
voltage, which controls the power MOSFET
current. The optimized internal compensation
network minimizes the external component
counts and simplifies the control loop design.
Enable/SYNC Control
EN/SYNC is a digital control pin that turns the
regulator on and off. Drive EN high to turn on
the regulator; drive it low to turn it off. An
internal 1M
Ω resistor from EN/SYNC to GND
allows EN/SYNC to be floated to shut down the
chip.
The EN pin is clamped internally using a 6.5V
series-Zener-diode as shown in Figure 2.
Connecting the EN input pin through a pullup
resistor to the voltage on the IN pin limits the
EN input current to less than 100µA.
For example, with 12V connected to IN, RPULLUP
≥ (12V – 6.5V) ÷ 100µA = 55kΩ.
Connecting the EN pin is directly to a voltage
source without any pullup resistor requires
limiting the amplitude of the voltage source to
≤6V to prevent damage to the Zener diode.
Figure 2: 6.5V Zener Diode Connection
For external clock synchronization, connect a
clock with a frequency range between 300kHz
and 2MHz 2ms after the output voltage is set:
The internal clock rising edge will synchronize
with the external clock rising edge. Select an
external clock signal with a pulse width less
than 1.2
μs.
Under-Voltage Lockout (UVLO)
The
MP2235
has
under-voltage
lock-out
protection (UVLO). When the VCC voltage
exceeds the UVLO rising threshold voltage, the
MP2235 powers up. It shuts off when the VCC
voltage drops below the UVLO falling threshold
voltage. This is non-latch protection.
The MP2235 is disabled when the input voltage
falls below 3.25V. If an application requires a
higher under-voltage lockout (UVLO) threshold,
use the EN pin as shown in Figure 3 to adjust
the input voltage UVLO by using two external
resistors. For best results, set the UVLO falling
threshold (VSTOP) above 4.5V using the
enable
resistors.
Set
the
rising
threshold
(VSTART) to provide enough hysteresis to
allow for any input supply variations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com