Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LUWW5AM Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LUWW5AM
Description  white SMT package with clear silicone lens, chip level conversion
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWW5AM Datasheet(HTML) 4 Page - OSRAM GmbH

  LUWW5AM Datasheet HTML 1Page - OSRAM GmbH LUWW5AM Datasheet HTML 2Page - OSRAM GmbH LUWW5AM Datasheet HTML 3Page - OSRAM GmbH LUWW5AM Datasheet HTML 4Page - OSRAM GmbH LUWW5AM Datasheet HTML 5Page - OSRAM GmbH LUWW5AM Datasheet HTML 6Page - OSRAM GmbH LUWW5AM Datasheet HTML 7Page - OSRAM GmbH LUWW5AM Datasheet HTML 8Page - OSRAM GmbH LUWW5AM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
2015-12-16
4
Version 1.1
LUW W5AM
Characteristics (TS = 25 °C; IF = 350 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Chromaticity coordinates acc. to CIE 1931 2) page 27
Farbkoordinaten nach CIE 1931 2) Seite 27
(typ.)
(typ.)
Cx
Cy
0.31
0.32
-
-
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
170
°
Forward voltage
Durchlassspannung
(min.)
(typ.)
(max.)
VF
VF
V
F
2.70
3.20
3.70
V
V
V
Reverse current
Sperrstrom
I
R
not designed for
reverse operation
Real thermal resistance junction / solder point
3) page 27
Realer Wärmewiderstand Sperrschicht / Lötpad
3) Seite 27
(typ.)
(max.)
Rth JS real
Rth JS real
6.5
11
K/W
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com