Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF4040M013TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4040M013TR
Description  RIPPLE-CARRY BINARY COUNTER/DIVIDERS 12 STAGE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4040M013TR Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4040M013TR Datasheet HTML 1Page - STMicroelectronics HCF4040M013TR Datasheet HTML 2Page - STMicroelectronics HCF4040M013TR Datasheet HTML 3Page - STMicroelectronics HCF4040M013TR Datasheet HTML 4Page - STMicroelectronics HCF4040M013TR Datasheet HTML 5Page - STMicroelectronics HCF4040M013TR Datasheet HTML 6Page - STMicroelectronics HCF4040M013TR Datasheet HTML 7Page - STMicroelectronics HCF4040M013TR Datasheet HTML 8Page - STMicroelectronics HCF4040M013TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
September 2001
s
MEDIUM SPEED OPERATION :
tPD = 80ns (TYP.) at VDD = 10V
s
FULLY STATIC OPERATION
s
COMMON RESET
s
BUFFERED INPUTS AND OUTPUTS
s
STANDARDIZED SYMMETRICAL OUTPUT
CHARACTERISTICS
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B " STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
The HCF4040B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
The HCF4040B is a ripple carry binary counter. All
counter stages are master-slave flip-flops. The
state of a counter advances one count on the
negative transition of each input pulse; a high level
on the RESET line resets the counter to its all
zeros stage. Schmitt trigger action on the input
pulse line permits unlimited clock rise and fall
times.
All inputs and outputs are buffered
HCF4040B
RIPPLE-CARRY BINARY COUNTER/DIVIDERS 12 STAGE
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4040BEY
SOP
HCF4040BM1
HCF4040M013TR
DIP
SOP


Similar Part No. - HCF4040M013TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4040 STMICROELECTRONICS-HCF4040 Datasheet
267Kb / 11P
RIPPLE-CARRY BINARY COUNTER/DIVIDERS
Mar-1989
HCF4040 STMICROELECTRONICS-HCF4040 Datasheet
65Kb / 10P
RIPPLE-CARRY BINARY COUNTER/DIVIDERS 12 STAGE
Sep-2001
HCF4040B STMICROELECTRONICS-HCF4040B Datasheet
267Kb / 11P
RIPPLE-CARRY BINARY COUNTER/DIVIDERS
Mar-1989
HCF4040BC1 STMICROELECTRONICS-HCF4040BC1 Datasheet
267Kb / 11P
RIPPLE-CARRY BINARY COUNTER/DIVIDERS
Mar-1989
HCF4040BEY STMICROELECTRONICS-HCF4040BEY Datasheet
267Kb / 11P
RIPPLE-CARRY BINARY COUNTER/DIVIDERS
Mar-1989
More results

Similar Description - HCF4040M013TR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4020BP TOSHIBA-TC4020BP Datasheet
265Kb / 7P
14 STAGE RIPPLE-CARRY BINARY COUNTER/DIVIDERS
TC4024BP TOSHIBA-TC4024BP Datasheet
249Kb / 6P
7 STAGE RIPPLE - CARRY BINARY COUNTER/DIVIDERS
TC4040BP TOSHIBA-TC4040BP Datasheet
260Kb / 7P
12 STAGE RIPPLE - CARRY BINARY COUNTER/DIVIDERS
logo
STMicroelectronics
HCF4040 STMICROELECTRONICS-HCF4040 Datasheet
65Kb / 10P
RIPPLE-CARRY BINARY COUNTER/DIVIDERS 12 STAGE
Sep-2001
HCF4024B STMICROELECTRONICS-HCF4024B Datasheet
235Kb / 10P
RIPPLE-CARRY BINARY COUNTER/DIVIDERS 7 STAGE
Sep-2001
HCF4020B STMICROELECTRONICS-HCF4020B Datasheet
191Kb / 11P
RIPPLE-CARRY BINARY COUNTER/DIVIDERS 14 STAGE
Mar-2004
logo
Toshiba Semiconductor
TC74VHC4040F TOSHIBA-TC74VHC4040F_07 Datasheet
269Kb / 11P
12-Stage Ripple Carry Binary Counter
TC4020BP TOSHIBA-TC4020BP_07 Datasheet
372Kb / 9P
14 Stage Ripple-Carry Binary Counter/Dividers
TC4024BP TOSHIBA-TC4024BP_07 Datasheet
314Kb / 9P
7 Stage Ripple-Carry Binary Counter/Dividers
TC4040BP TOSHIBA-TC4040BP_07 Datasheet
326Kb / 9P
12 Stage Ripple-Carry Binary Counter/Dividers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com