Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH3100F Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH3100F
Description  Silicon NPN Phototransistor with Daylight - Cutoff Filter Version 1.5
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH3100F Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH3100F Datasheet HTML 1Page - OSRAM GmbH SFH3100F Datasheet HTML 2Page - OSRAM GmbH SFH3100F Datasheet HTML 3Page - OSRAM GmbH SFH3100F Datasheet HTML 4Page - OSRAM GmbH SFH3100F Datasheet HTML 5Page - OSRAM GmbH SFH3100F Datasheet HTML 6Page - OSRAM GmbH SFH3100F Datasheet HTML 7Page - OSRAM GmbH SFH3100F Datasheet HTML 8Page - OSRAM GmbH SFH3100F Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2016-01-04
1
2016-01-04
Silicon NPN Phototransistor with Daylight - Cutoff Filter
Version 1.5
SFH 3100 F
Ordering Information
Features:
Spectral range of sensitivity:
(typ) 850 ... 1100 nm
Package: Miniature Sidelooker, Epoxy
Special: Narrow half angle
Small outline dimensions
Same package as IRED SFH 4141
High coupling factor in light barriers with SFH 4141
Easy identification of SFH 3100 F (black package) and SFH 4141 (clear package)
Applications
Detector in photointerrupters
Data transmission
Position sensing
Barcode reader
For control and drive circuits
Coin counters
Type:
Photocurrent
Ordering Code
I
PCE [µA]
λ = 950 nm, E
e = 0.5 mW/cm
2,
VCE = 5 V
SFH 3100 F
> 400
Q62702P5073
SFH 3100 F-2/3/4
630 ... 3200
Q62702P5475
Note:
Only one bin within one packing unit (variation less than 2:1)


Similar Part No. - SFH3100F

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH310 SIEMENS-SFH310 Datasheet
124Kb / 5P
Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
logo
OSRAM GmbH
SFH310 OSRAM-SFH310 Datasheet
274Kb / 10P
Silicon NPN Phototransistor
logo
Siemens Semiconductor G...
SFH310-2 SIEMENS-SFH310-2 Datasheet
124Kb / 5P
Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
logo
OSA Opto Light GmbH
SFH310-2-3 OSA-SFH310-2-3 Datasheet
230Kb / 11P
Silicon NPN Phototransistor NPN-Silizium-Fototransistor Version 1.1
logo
OSRAM GmbH
SFH310-2/3 OSRAM-SFH310-2/3 Datasheet
274Kb / 10P
Silicon NPN Phototransistor
More results

Similar Description - SFH3100F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH303 OSRAM-SFH303 Datasheet
357Kb / 7P
Silicon NPN Phototransistor; with Daylight Filter
logo
CT Micro International ...
PTP83016BT24 CTMICRO-PTP83016BT24 Datasheet
2Mb / 9P
SMD Type Phototransistor with Daylight Filter
logo
OSRAM GmbH
BPW-34-F OSRAM-BPW-34-F Datasheet
210Kb / 8P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.5
BPW-34-FA OSRAM-BPW-34-FA Datasheet
211Kb / 8P
Silicon PIN Photodiode with Daylight Filter Version 1.5
SFH-3100-F OSRAM-SFH-3100-F Datasheet
216Kb / 9P
Silicon NPN Phototransistor with Daylight - Cutoff Filter
logo
CT Micro International ...
PTP81608BT06 CTMICRO-PTP81608BT06 Datasheet
935Kb / 10P
SMD Type Phototransistor with Daylight Filter
Rev 0.2 Sep, 2018
PTP82406BT14 CTMICRO-PTP82406BT14 Datasheet
923Kb / 10P
SMD Type Phototransistor with Daylight Filter
Rev 1 Apr, 2018
PTP83010BT20 CTMICRO-PTP83010BT20 Datasheet
942Kb / 10P
SMD Type Phototransistor with Daylight Filter
Rev 1 Jan, 2015
PTP83012BT24 CTMICRO-PTP83012BT24 Datasheet
953Kb / 10P
SMD Type Phototransistor with Daylight Filter
Rev 0.1 Jun, 2015
PTP83216BT18 CTMICRO-PTP83216BT18 Datasheet
974Kb / 10P
SMD Type Phototransistor with Daylight Filter
Rev 0.1 Aug, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com