Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH3163F Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH3163F
Description  Doppel-NPN-Silizium-Fototransistor mit Tageslichtsperrfilter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH3163F Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH3163F Datasheet HTML 1Page - OSRAM GmbH SFH3163F Datasheet HTML 2Page - OSRAM GmbH SFH3163F Datasheet HTML 3Page - OSRAM GmbH SFH3163F Datasheet HTML 4Page - OSRAM GmbH SFH3163F Datasheet HTML 5Page - OSRAM GmbH SFH3163F Datasheet HTML 6Page - OSRAM GmbH SFH3163F Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2007-08-08
4
SFH 3163 F
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Emitterstrom-Verhältnis der 2 Fototransistoren
Emitter current ratio of the 2 phototransistors
V
eco = 3.5V, Ee = 0.34mW/cm²
R
1)
1 ... 1.1
Übersprechen zwischen T1 und T2
Crosstalk between T1 and T2
E
e = 0.34 mW/cm
2,
λ = 950nm, V
CE = 3.5 V
(Ie1-Ie1’)/Ie1
2)
3
%
Anstiegszeit/Abfallzeit
Rise and fall time
I
C = 1 mA, VCC = 5 V, RL = 1 kΩ
t
r
t
f
11
11
μs
Kollektor-Emitter-Sättigungsspannung
Collector-emitter saturation voltage
I
C = 50µA,
E
e = 0.5 mW/cm
2
, λ = 950 nm
V
CEsat
0.1 (
≤ 0.4)
V
1)
Ie(max)/ Ie(min)
2)
Testing condition
a) Ie1 measured while the emitter of T2 is grounded
b) Ie1' is the Ie1 reading while the emitter of T2 is not connected



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com