Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMAS-1 Datasheet(PDF) 1 Page - Mini-Circuits

Part # ZMAS-1
Description  Attenuator/Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZMAS-1 Datasheet(HTML) 1 Page - Mini-Circuits

  ZMAS-1 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Typical Performance Data
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Control Current
30mA
ZMAS-1
ISOLATION
0
20
40
60
80
100
0
90
180
270
360
450
FREQUENCY (MHz)
IN-OUT
IN-CON
ZMAS-1
50
Ω
Bi-Phase
5 to 450 MHz
Attenuator/Switch
REV. B
M151107
ZMAS-1
WP/TD/CP/AM
151005
Coaxial
CASE STYLE: M21
Connectors
Model
SMA
ZMAS-1
BRACKET (OPTION "B")
BRACKET (OPTION "BR")
ZMAS-1
ATTENUATION
1
10
100
0.0001
0.001
0.01
0.1
1
10
100
CONTROL CURRENT (mA)
5 MHz
225 MHz
450 MHz
Features
• wideband, 5 to 450 MHz
• rugged shielded case
• excellent phase and amplitude unbalance
Applications
• bi-phase modulator
• electronic attenuator
Coaxial Connections
INPUT
3
OUTPUT
1
CONTROL
2
ZMAS-1
INSERTION LOSS
2.8
3.0
3.2
3.4
3.6
3.8
0
90
180
270
360
450
FREQUENCY (MHz)
suggested control port biasing configuration
Outline Drawing
Outline Dimensions (
)
A
B
C
D
E
F
GH
1.50
1.13
1.00
.50
.155 2.345
.138
.987
38.10 28.70 25.40 12.70
3.94 59.56
3.51 25.07
J
K
L
M
N
P
S
wt
2.50
.10
.31
.75
1.19
.66
.150 grams
63.50
2.54
7.87 19.05 30.23 16.76
3.81
40.0
inch
mm
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m = [ 2 f
L to fU/2]
Performance specifications apply for input power up to 10 dB below stated 1 dB compression.
FREQUENCY
(MHz)
INSERTION LOSS
(dB)
±20 mA
MAX. INPUT
PWR
(dBm)
±20mA
IN-OUT
ISOLATION
(dB)
0 mA
BI-PHASE X
(
±20 mA) Typ.
∆ AMP
(dB)
Phase (deg.)
deviation
from 180°
IN
CON
Mid-Band
m
Total
Range
1 dB
no
L
M
U
Total
Total
f
L-fU
Typ. Max. Typ. Max. compr. damage Typ. Min. Typ. Min. Typ. Min.
m
Range
m
Range
5-450
DC-0.05
3.5
4
3.5
4.7
20
30
65
50
55
37
35
25
0.10
0.1
0.5
1.2
—
electrical schematic
Attenuator/Switch Electrical Specifications
Freq.
(MHz)
I. Loss
(dB)
at 20mA
±Control
∆∆AMP
(dB)
20mA
∆∆Phase
(deg.)
Isolation (dB)
(in-out) (in-con)
Input
R. Loss
(dB)
Control
Current
(mA)
Attenuation (dB) Phase ∆ ref at 15mA Ctrl
Input VSWR
5
MHz
225
MHz
450
MHz
5
MHz
225
MHz
450
MHz
5
MHz
225
MHz
450
MHz
—
X
σ
—
X
—
X
—
X
—
X
—
X
deg.
deg.
deg.
5.0
3.27 0.025
0.02
179.9
74
50
11.8
0.0000 68.1 50.0 41.3
-52.4
124.7
108.2
2.9
2.9
2.6
9.5
2.93 0.019
0.02
179.9
68
44
13.4
0.0001 62.8 49.6 41.6
-9.9
119.7
103.2
2.9
2.9
2.6
19.5
2.92 0.017
0.02
179.9
62
38
14.3
0.0002 56.7 49.9 41.3
-18.0
114.6
102.4
2.9
2.9
2.6
35.0
2.97 0.017
0.02
179.9
59
33
14.5
0.0006 51.7 50.5 41.3
-20.7
101.4
95.5
2.9
2.9
2.6
39.5
2.98 0.017
0.03
179.9
59
32
14.5
0.0032 46.6 47.3 40.4
-10.7
58.4
76.3
2.9
2.9
2.6
49.5
3.00 0.017
0.03
179.9
57
30
14.4
0.0058 43.8 44.3 39.0
-6.4
45.6
60.3
2.9
2.9
2.6
74.0
3.00 0.019
0.04
179.8
55
27
14.1
0.0116 39.8 39.6 36.0
-0.4
29.9
43.3
2.8
2.9
2.6
75.1
3.00 0.018
0.03
179.8
55
26
14.1
0.0184 36.6 36.1 33.2
3.3
24.8
33.3
2.8
2.8
2.5
107.4
3.10 0.019
0.04
179.7
53
23
14.3
0.0327 32.6 31.6 29.1
5.9
18.3
23.7
2.8
2.7
2.4
141.8
3.18 0.019
0.04
179.7
51
21
14.6
0.0486 29.5 28.4 26.2
6.9
15.6
19.4
2.7
2.7
2.4
176.3
3.24 0.021
0.04
179.6
49
19
14.5
0.0787 25.9 24.6 22.6
7.6
13.3
14.8
2.6
2.5
2.2
210.8
3.28 0.021
0.04
179.5
48
18
14.6
0.1081 23.5 22.2 20.3
7.9
12.2
12.8
2.5
2.4
2.1
225.3
3.29 0.023
0.04
179.5
48
18
14.7
0.1975 19.1 17.8 16.1
7.8
10.0
9.7
2.2
2.2
1.9
244.2
3.30 0.024
0.04
179.4
47
17
14.8
0.3085 16.0 14.8 13.3
7.4
8.7
7.9
2.0
1.9
1.7
278.7
3.29 0.024
0.04
179.3
46
16
15.1
0.5100 12.9 11.7 10.6
6.5
7.3
6.0
1.7
1.7
1.4
313.2
3.30 0.026
0.05
179.2
46
16
15.1
0.8548 10.1
9.2
8.4
5.3
5.5
4.4
1.5
1.4
1.2
347.7
3.33 0.029
0.05
179.1
45
16
14.8
1.7555
7.2
6.0
6.1
3.3
3.4
2.5
1.3
1.2
1.1
381.0
3.40 0.034
0.05
179.1
44
15
15.0
2.6670
5.4
5.1
4.9
2.0
2.0
1.3
1.3
1.2
1.2
415.5
3.50 0.041
0.06
179.0
43
15
14.7
8.1232
4.0
4.0
4.0
0.5
0.5
0.4
1.5
1.4
1.4
450.0
3.58 0.044
0.06
178.9
43
15
13.7
15.1218
3.5
3.6
3.6
0.0
-0.1
0.0
1.6
1.5
1.4
Permanent damage may occur if any of these limits are exceeded.


Similar Part No. - ZMAS-1

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZMAS-3 MINI-ZMAS-3 Datasheet
213Kb / 1P
Attenuator/Switch
More results

Similar Description - ZMAS-1

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZAS-3 MINI-ZAS-3 Datasheet
164Kb / 1P
Attenuator/Switch
ZMAS-3 MINI-ZMAS-3 Datasheet
213Kb / 1P
Attenuator/Switch
SYAS-1 MINI-SYAS-1 Datasheet
293Kb / 1P
Attenuator/Switch
GAS-1 MINI-GAS-1 Datasheet
207Kb / 1P
Attenuator/Switch
GAS-2 MINI-GAS-2 Datasheet
207Kb / 1P
Attenuator/Switch
TFAS-1 MINI-TFAS-1 Datasheet
206Kb / 1P
Attenuator/Switch
TFAS-1SM MINI-TFAS-1SM Datasheet
298Kb / 1P
Attenuator/Switch
TFAS-2 MINI-TFAS-2 Datasheet
205Kb / 1P
Attenuator/Switch
TFAS-2SM MINI-TFAS-2SM Datasheet
260Kb / 1P
Attenuator/Switch
ZFAS-2000 MINI-ZFAS-2000 Datasheet
246Kb / 1P
Attenuator/Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com