Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP21148 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP21148
Description  1A, Synchronous, Step-Down Converter with CCM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP21148 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP21148 Datasheet HTML 6Page - Monolithic Power Systems MP21148 Datasheet HTML 7Page - Monolithic Power Systems MP21148 Datasheet HTML 8Page - Monolithic Power Systems MP21148 Datasheet HTML 9Page - Monolithic Power Systems MP21148 Datasheet HTML 10Page - Monolithic Power Systems MP21148 Datasheet HTML 11Page - Monolithic Power Systems MP21148 Datasheet HTML 12Page - Monolithic Power Systems MP21148 Datasheet HTML 13Page - Monolithic Power Systems MP21148 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MP21148 – 1A, SYNCHRONOUS, STEP-DOWN CONVERTER WITH CCM
MP21148 Rev. 1.1
www.MonolithicPower.com
11
2/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider sets the output
voltage (see the Typical Application Circuit on
page 15). Select the feedback resistor (R1),
typically between 100k
Ω to 200kΩ, to reduce
the VOUT leakage current. There is no strict
requirement on the feedback resistor. An R1
with a value greater than
10kΩ is recommended
for
most
applications.
R2
can
then
be
calculated with Equation (2):
out
R1
R2
V
1
0.6
(2)
Figure 2 shows the feedback circuit.
R1
R2
Vout
FB
MP21148
Figure 2: Feedback Network
Table 1 lists the recommended resistor values
for common output voltages.
Table 1: Resistor Values for Common Output
Voltages
VOUT (V)
R1 (k
Ω)
R2 (kΩ)
1.0
200 (1%)
300 (1%)
1.2
200 (1%)
200 (1%)
1.8
200 (1%)
100 (1%)
2.5
200 (1%)
63.2 (1%)
3.3
200 (1%)
44.2 (1%)
Selecting the Inductor
Most applications work best with a 0.47µH-to-
2.2µH inductor. Select an inductor with a DC
resistance below 50
mΩ to optimize efficiency.
A high-frequency switch mode power supply
with a magnetic device has a strong, electronic,
magnetic inference for the system. Any un-
shielded power inductor should be avoided.
Metal alloy or multiplayer chip power inductors
are ideal shielded inductors for the application
of the EMI as they can decrease the influence
effectively. Table 2 lists some recommended
inductors.
Table 2: Suggested Inductor List
Manufacturer P/N
Inductance
(μH )
Manufacturer
PIFE25201B-1R0MS
1.0
CYNTEC CO.
LTD.
1239AS-H-1R0M
1.0
Tokyo
74438322010
1.0
Wurth
For most designs, estimate the inductance
value with Equation (3):
OUT
IN
OUT
1
IN
L
OSC
V
(V
V
)
L
V
I
f

  
(3)
Where
∆I
L is the inductor ripple current.
Choose
the
inductor
current
to
be
approximately 30%
of the maximum
load
current. The maximum inductor peak current
can be calculated with Equation (4):
L
L(MAX)
LOAD
I
II
2

(4)
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous
and
therefore
requires
a
capacitor to supply AC current to the step-down
converter
while
maintaining
the
DC
input
voltage. For best performance, use low ESR
capacitors. Ceramic capacitors with X5R or
X7R
dielectrics
are
highly
recommended
because
of
their
low
ESR
and
small
temperature coefficients. For most applications,
a 10µF capacitor is sufficient. Higher output
voltages may require a 22
μF capacitor to
increase system stability.
Since the input capacitor absorbs the input
switching current, it requires an adequate ripple
current rating. Estimate the RMS current in the
input capacitor with Equation (5):
OUT
OUT
C1
LOAD
IN
IN
VV
I
I
1
VV





(5)
The worst case occurs at VIN = 2VOUT, shown in
Equation (6):
LOAD
C1
I
I
2
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com