Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP92325 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP92325
Description  24V, 3A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP92325 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP92325 Datasheet HTML 8Page - Monolithic Power Systems MP92325 Datasheet HTML 9Page - Monolithic Power Systems MP92325 Datasheet HTML 10Page - Monolithic Power Systems MP92325 Datasheet HTML 11Page - Monolithic Power Systems MP92325 Datasheet HTML 12Page - Monolithic Power Systems MP92325 Datasheet HTML 13Page - Monolithic Power Systems MP92325 Datasheet HTML 14Page - Monolithic Power Systems MP92325 Datasheet HTML 15Page - Monolithic Power Systems MP92325 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MP92325 – 24V, 3A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP92325 Rev. 1.0
www.MonolithicPower.com
12
3/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Selecting the Output Capacitor
The output capacitor (C2) is required to
maintain the DC output voltage. Ceramic,
tantalum, or low ESR electrolytic capacitors are
recommended.
Low
ESR
capacitors
are
preferred for keeping the output voltage ripple
low. The output voltage ripple can be estimated
with Equation (7):
OUT
OUT
OUT
ESR
S1
IN
S
VV
1
V1
R
fL
V
8 f
C2



 


 
  (7)
Where L1 is the inductor value and RESR is the
equivalent series resistance (ESR) value of the
output capacitor.
For ceramic capacitors, the impedance at the
switching frequency is dominated by the
capacitance. The output voltage ripple is mainly
caused by the capacitance. For simplification,
the output voltage ripple can be estimated with
Equation (8):
OUT
OUT
OUT
2
IN
S1
VV
∆V1
V
8f
L
C2

 

 

(8)
In the case of tantalum or electrolytic capacitors,
the ESR dominates the impedance at the
switching frequency. For simplification, the
output ripple can be approximated with
Equation (9):
OUT
OUT
OUT
ESR
IN
S1
VV
∆V1
R
fL
V

 


(9)
The characteristics of the output capacitor also
affect the stability of the regulation system. The
MP92325 can be optimized for a wide range of
capacitance and ESR values.
External Bootstrap Diode
An external bootstrap diode may enhance the
efficiency of the regulator, the applicable
conditions of the external BST diode are:
VOUT is 5V or 3.3V
Duty cycle is high: D =
IN
OUT
V
V
> 65%
In these cases, an external BST diode is
recommended to be placed between VCC and
BST (see Figure 6).
Figure 6: Optional External Bootstrap Diode
Added to Enhance Efficiency
The recommended external BST diode is
IN4148, and the BST cap is recommended to
be 0.1μF - 1μF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com