Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ2143HGD Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MPQ2143HGD
Description  3A, 5.5V, 2.0MHz Synchronous Step Down Switcher
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2143HGD Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MPQ2143HGD Datasheet HTML 2Page - Monolithic Power Systems MPQ2143HGD Datasheet HTML 3Page - Monolithic Power Systems MPQ2143HGD Datasheet HTML 4Page - Monolithic Power Systems MPQ2143HGD Datasheet HTML 5Page - Monolithic Power Systems MPQ2143HGD Datasheet HTML 6Page - Monolithic Power Systems MPQ2143HGD Datasheet HTML 7Page - Monolithic Power Systems MPQ2143HGD Datasheet HTML 8Page - Monolithic Power Systems MPQ2143HGD Datasheet HTML 9Page - Monolithic Power Systems MPQ2143HGD Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MPQ2143H
– 3A, 5.5V, 2.0MHz, SYNCHRONOUS STEP-DOWN SWITCHER
MPQ2143H Rev. 1.0
www.MonolithicPower.com
6
8/12/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 5V, VOUT = 1.2V, L = 0.47
μH, COUT=22μF, TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com