Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ2420GF Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MPQ2420GF
Description  75V, 0.3A, Synchronous Step-Down Converter with Watchdog AEC-Q100 Qualified
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2420GF Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MPQ2420GF Datasheet HTML 14Page - Monolithic Power Systems MPQ2420GF Datasheet HTML 15Page - Monolithic Power Systems MPQ2420GF Datasheet HTML 16Page - Monolithic Power Systems MPQ2420GF Datasheet HTML 17Page - Monolithic Power Systems MPQ2420GF Datasheet HTML 18Page - Monolithic Power Systems MPQ2420GF Datasheet HTML 19Page - Monolithic Power Systems MPQ2420GF Datasheet HTML 20Page - Monolithic Power Systems MPQ2420GF Datasheet HTML 21Page - Monolithic Power Systems MPQ2420GF Datasheet HTML 22Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
MPQ2420
―75V, 0.3A, SYNCHRONOUS STEP-DOWN CONVERTER WITH WATCHDOG
MPQ2420 Rev. 1.0
www.MonolithicPower.com
21
5/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
0.1uF
C1A
1M
R4
NS
R5
100K
R7
10nF
C7
0.1uF
C3
0.1uF
C4
33uH
L1
4.5V-75V
47uF
C2B
10V
10
R3
3.3V/300mA
510K
R2
1.2M
R1
39pF
C5
0.1uF
C2A
10V
VIN
GND
EN
VOUT
GND
POK
1uF
C6
10uF
C1B
100V
VCC
MODE
WDI
WDO
/WD_DIS
SW
13
EN
6
VREF
7
POK
10
VIN
5
FB
8
BIAS
11
SS
9
VCC
14
MODE
3
WDI
2
WDO
1
/WD_DIS
16
U1
51K
R8
100V
MPQ2420
Figure 4: 3.3V Output Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com