Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIT8009B Datasheet(PDF) 2 Page - SiTime Corp.

Part # SIT8009B
Description  High Frequency, Low Power Oscillator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT8009B Datasheet(HTML) 2 Page - SiTime Corp.

  SIT8009B Datasheet HTML 1Page - SiTime Corp. SIT8009B Datasheet HTML 2Page - SiTime Corp. SIT8009B Datasheet HTML 3Page - SiTime Corp. SIT8009B Datasheet HTML 4Page - SiTime Corp. SIT8009B Datasheet HTML 5Page - SiTime Corp. SIT8009B Datasheet HTML 6Page - SiTime Corp. SIT8009B Datasheet HTML 7Page - SiTime Corp. SIT8009B Datasheet HTML 8Page - SiTime Corp. SIT8009B Datasheet HTML 9Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SiT8009B High Frequency, Low Power Oscillator
Rev 1.04
Page 2 of 17
www.sitime.com
Table 1. Electrical Characteristics (continued)
Parameters
Symbol
Min.
Typ.
Max.
Unit
Condition
Input Characteristics
Input High Voltage
VIH
70%
–
–
Vdd
Pin 1, OE or
ST
̅ ̅ ̅
Input Low Voltage
VIL
–
–
30%
Vdd
Pin 1, OE or
ST
̅ ̅ ̅
Input Pull-up Impedance
Z_in
50
87
150
k

Pin 1, OE logic high or logic low, or ST logic high
2
–
–
M

Pin 1,
ST
̅ ̅ ̅ logic low
Startup and Resume Timing
Startup Time
T_start
–
–
5
ms
Measured from the time Vdd reaches its rated minimum value
Enable/Disable Time
T_oe
–
–
122
ns
f = 137 MHz. For other frequencies, T_oe = 100 ns + 3 * cycles
Resume Time
T_resume
–
–
5
ms
Measured from the time
ST
̅ ̅ ̅ pin crosses 50% threshold
Jitter
RMS Period Jitter
T_jitt
–
1.9
3
ps
f = 125 MHz, Vdd = 2.5V, 2.8V, 3.0V or 3.3V
–
1.8
4
ps
f = 125 MHz, Vdd = 1.8V
Peak-to-peak Period Jitter
T_pk
–
12
25
ps
f = 125 MHz, Vdd = 2.5V, 2.8V, 3.0V or 3.3V
–
14
30
ps
f = 125 MHz, Vdd = 1.8V
RMS Phase Jitter (random)
T_phj
–
0.5
0.9
ps
Integration bandwidth = 900 kHz to 7.5 MHz
–
1.3
2
ps
Integration bandwidth = 12 kHz to 20 MHz
Table 2. Pin Description
Pin
Symbol
Functionality
1
OE/
ST
̅ ̅ ̅ /NC
Output Enable
H
[1]: specified frequency output
L: output is high impedance. Only output driver is disabled.
Standby
H
[1]: specified frequency output
L: output is low (weak pull down). Device goes to sleep mode. Supply
current reduces to I_std.
No Connect
Any voltage between 0 and Vdd or Open
[1]: Specified frequency
output. Pin 1 has no function.
2
GND
Power
Electrical ground
3
OUT
Output
Oscillator output
4
VDD
Power
Power supply voltage
[2]
Top View
Figure 1. Pin Assignments
Notes:
1. In OE or
ST
̅ ̅ ̅ mode, a pull-up resistor of 10 kΩ or less is recommended if pin 1 is not externally driven. If pin 1 needs to be left floating, use the NC option.
2. A capacitor of value 0.1 µF or higher between Vdd and GND is required.
OE/ST/NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com