Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADLCF-II-D Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # ADLCF-II-D
Description  Compact Flash
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLCF-II-D Datasheet(HTML) 1 Page - ADL Embedded Solutions

  ADLCF-II-D Datasheet HTML 1Page - ADL Embedded Solutions ADLCF-II-D Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Compact Flash
Data subject to change without notice
ADL Embedded Solutions GmbH, Eiserfelder Straße 316 D-57080 Siegen,
ADL Embedded Solutions Inc., 4411 Morena Blvd., Suite 101
Germany P. +49 (0) 271 250 810 0 F. +49 (0) 271 250 810 20
San Diego, CA 92117-4345 P. +1 858 490-0597 F. +1 858 490-0599
e-mail: sales@adl-europe.com; web: www.adl-europe.com
e-mail: sales@adl-usa.com; web: www.adl-usa.com
Embedded Solutions
Compact Flash Series Adapter - ADLCF-II
Features
• Accepts Type I and II and IDE CF modules
• Small size card (2.36”W x 2.0”L x .77”H)
• Full Range Capacity in CF to 8GB and beyond
• 44pin IDE hard drive cable compatible
• Remote mounting configuration
CF Benefits
• Resistant to dirt, shock, vibration & temperature
• Low power consumption
• No acoustic noise
• Proven reliability
• Fast startup time – no spin-up
• High transfer rate
Options
• Single or Dual configuration
• Media Ejector/retainer options
• Data Cable Locking option
Item Code
Part #
Description
ADLCF-II-S
989010
CF to IDE Type II single adapter, not for stack
ADLCF-II-D
989020
CF to IDE Type II dual adapter, not for stack
Options
Option E
989110
Opt. Ejector added to ADLCF-II (one)
Option LE
989120
Opt. Latching Ejector added to ADLCF-II
(one)
Option LH
989130
Opt. Locking IDE cable header added to
ADLCF-II
Option E-D
989140
Opt. Ejector added to ADLCF-II (for 2nd on
dual version)
Option LE-D
989150
Opt. Latching Ejector added to ADLCF-II (for
2nd on dual)
An interface board developed to allow CompactFlashTM cards Type I & II
or a IBM MicrodriveTM to be used as storage devices on an IDE inter-
face. It takes advantage of the "true IDE" mode of a CompactFlashTM
Card and enable it to operate as a IDE hard disk drive. The adapter is
small and designed to mount where convenient for use with embedded
systems. The result is that a system can support removable solid state
mass storage. It can also come with locking headers and latching ejec-
tors.
Ordering Information
Description


Similar Part No. - ADLCF-II-D

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ADLCF-II-D ADL-ADLCF-II-D Datasheet
278Kb / 3P
PC/104-Plus
More results

Similar Description - ADLCF-II-D

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MI20-50RD-SF HIROSE-MI20-50RD-SF Datasheet
347Kb / 6P
Compact Flash Card Connectors(Complies with Compact Flash Association)
logo
Adam Technologies, Inc.
CF1-50-A-SG ADAM-TECH-CF1-50-A-SG Datasheet
134Kb / 1P
COMPACT FLASH HEADER
CF1-50-A-SG-15 ADAM-TECH-CF1-50-A-SG-15 Datasheet
130Kb / 1P
COMPACT FLASH HEADER
CF2-50-SG-EJ ADAM-TECH-CF2-50-SG-EJ Datasheet
107Kb / 1P
COMPACT FLASH HEADER
CF2B-50-SG ADAM-TECH-CF2B-50-SG Datasheet
109Kb / 1P
COMPACT FLASH MALE
CFE-2B-50 ADAM-TECH-CFE-2B-50 Datasheet
81Kb / 1P
COMPACT FLASH MALE
CFS-50-A-SG-SMT-X ADAM-TECH-CFS-50-A-SG-SMT-X Datasheet
133Kb / 1P
COMPACT FLASH SOCKET
CFS-50-A-SMT-X ADAM-TECH-CFS-50-A-SMT-X Datasheet
85Kb / 1P
COMPACT FLASH SOCKET
CFS-50-FRAME ADAM-TECH-CFS-50-FRAME Datasheet
62Kb / 1P
COMPACT FLASH SOCKET
CFS-68-A-SG-SM ADAM-TECH-CFS-68-A-SG-SM Datasheet
94Kb / 1P
COMPACT FLASH SOCKET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com