Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADLQM87PC Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # ADLQM87PC
Description  Surveillance and reconnaissance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLQM87PC Datasheet(HTML) 1 Page - ADL Embedded Solutions

  ADLQM87PC Datasheet HTML 1Page - ADL Embedded Solutions ADLQM87PC Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ADLQM87PC PCIe/104 SBC
4th Gen Intel® Core™ processors w/lntel 8-Series Chipset
ADL Corporate: 4411 Morena Blvd. Suite 101 | San Diego, CA 92117-4345
T: 855.727.4200
F: 858.490.0599
sales@adl-usa.com
www.adl-usa.com
ADL Germany: Eiserfelder Straße 316 | D-57080 Siegen, Germany
T: +49 (0) 271.250.810.0
F: +49 (0) 271.250.810.20
sales@adl-europe.com
www.adl-europe.com
The ADLQM87PC has the most densely packed set of features
and high-performance of any small form factor in the industry.
The ADLQM87PC delivers the industry’s highest GIPS per in2
and the most densely-packed comprehensive set of features.
The ADLQM87PC’s 17 in2 footprint features 4th generation
Intel Core processors with Intel 8-series QM87 PCH chipset,
on-board Mini PCIe/mSATA socket for on-board WiFi, GPS,
bootable flash storage, a Trusted Platform Module (TPM
v1.2), 2xUSB 3.0, up to 8GB 1.35V DDR3L, 4x SATA 6 Gb/s,
2x GLAN, DisplayPort, HDMI/DVI, VGA, 8x USB 2.0, etc…all
with a smaller footprint and height than a basic COM-Express
module with greater temper-ature range and ruggedness.
The ADLQM87PC features a vastly improved HD4600
graphics engine with 2x the performance of the previous
2nd generation Intel Core graphics. It is ideal for space-
constrained, rugged or extended temperature applications
where multi-core proces-sor performance is critical.
FEATURES
• 4th Gen Intel® Core™ Dual and
Quad Core; BGA1364
• Intel® 8-Series PCH Lynx Point
QM87 Chipset
• CPU TDP 37W to 47W
• Up to 8 GB DDR3L-1333/1600;
1.35V SoDIMM204 Socket
• Type 1 Bottom-Stacking PCIe/104
V2.01 with Gen2 PCIe x1 Lanes
and Gen3 PEG x16
• 4x SATA 6 Gb/s with RAID
0/1/5/10, Backward Compatible
• 2x 10/100/1000 Mbit Ethernet
LAN Port
• 2x RS232 COM Ports
• 13x USB 2.0 Total: 8x Onboard,
2x PCIe Connector, 1x Mini PCIe
Socket, 2x USB 3.0
*Data subject to change without notice.
It brings unparalleled performance to countless applications
such as radar and sonar processing, image signal
processing, tactical command and control, surveillance and
reconnaissance, transportation and railway.
ADLQM87PC support includes 3D CAD modeling support
and full system design services which include custom chassis
design and system integration services. Please contact your
sales representative for more information.
ADLSST System Sensor Technology Utility
The ADLSST System Sensor Technology v2.0 utility brings
to the Linux environment the same type of CPU health
monitor functions that have previously been readily available
only in the Windows environment. Click here to download
the drivers.
APPLICATIONS
• Radar and sonar processing
• Image signal processing
• Tactical command and control
• Surveillance and reconnaissance
• Transportation and railway
• Unmanned autonomous systems
• 2x USB 3.0, Backward USB 2.0
Compatible
• Onboard VGA/DVI, HDMI/
DisplayPort, and eDP
• Three Independent Displays
• Discrete 16bit GPIO Port
• 7.1 HD Audio with SPDIF In/Out
• Trusted Platform Module; TPM
V1.2 (ATMEL® AT97SC3205)
• PCI Express Mini Card 1.2
Socket: Compatible with Mini
PCIe or mSATA modules
• Windows 7, Windows 8, Windows
10, Linux Compatible
• 4.5” x 3.8” (115mm x 96mm)
PCI/104-Express v1.0a Form
• Input Power = 5VDC, 5VS,
12VDC
DESCRIPTION


Similar Part No. - ADLQM87PC

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ADLQM87PC ADL-ADLQM87PC Datasheet
464Kb / 1P
cpu tdp 37w to 47w
ADLQM87PC-CK ADL-ADLQM87PC-CK Datasheet
839Kb / 1P
ADLQM87PC Cable Kit
ADLQM87PC-CK ADL-ADLQM87PC-CK Datasheet
424Kb / 3P
Rugged SFF Vision Board Solution
More results

Similar Description - ADLQM87PC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V6130 ETC-V6130 Datasheet
514Kb / 12P
Accurate Power Surveillance and Software Monitoring
V6150 ETC1-V6150 Datasheet
169Kb / 12P
Power Surveillance and Software Monitoring
V6170 ETC1-V6170 Datasheet
165Kb / 12P
Accurate Voltage Window Surveillance and Software Monitoring
logo
Intersil Corporation
TW2851 INTERSIL-TW2851 Datasheet
1Mb / 2P
Security Surveillance IC Solutions
logo
Analog Devices
HMC-ALH444 AD-HMC-ALH444 Datasheet
279Kb / 6P
Surveillance Systems
logo
OmniVision Technologies...
OV6930 OMNIVISION-OV6930 Datasheet
5Mb / 2P
Security and Surveillance
logo
Silicon Laboratories
SI3406X SILABS-SI3406X Datasheet
1,017Kb / 36P
Security and surveillance IP cameras
logo
OmniVision Technologies...
OV5658 OMNIVISION-OV5658 Datasheet
1Mb / 2P
Security and Surveillance
logo
Transcend Information. ...
TS128GUSD350V TRANSCEND-TS128GUSD350V Datasheet
619Kb / 3P
Ideal for dashcams, security cameras, and surveillance systems
logo
Advantech Co., Ltd.
TREK-60 ADVANTECH-TREK-60 Datasheet
807Kb / 4P
Modular AI Platform for Scalable Surveillance and Fleet Management
25-Aug-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com