Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADLS15PC Datasheet(PDF) 3 Page - ADL Embedded Solutions

Part # ADLS15PC
Description  Traffic technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLS15PC Datasheet(HTML) 3 Page - ADL Embedded Solutions

  ADLS15PC_18 Datasheet HTML 1Page - ADL Embedded Solutions ADLS15PC_18 Datasheet HTML 2Page - ADL Embedded Solutions ADLS15PC_18 Datasheet HTML 3Page - ADL Embedded Solutions ADLS15PC_18 Datasheet HTML 4Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ADLS15PC PC/104-Plus
Intel® Atom™ CPU 1.1GHz - 1.60GHz
ADL Corporate: 4411 Morena Blvd. Suite 101 | San Diego, CA 92117-4345
T: 858.490.0597
F: 858.490.0599
sales@adl-usa.com
www.adl-usa.com
ADL Germany: Eiserfelder Straße 316 | D-57080 Siegen, Germany
T: +49 (0) 271.250.810.0
F: +49 (0) 271.250.810.20
sales@adl-europe.com
www.adl-europe.com
TECHNICAL SPECIFICATIONS - ADLS15PC
FEATURE
FUNCTION
REMARKS
OPTIONS
Power consumption
Z510 / 2GB / Active: 1.54A @ +5VDC, typical*
Z510 / 2GB / Passive: 1.56A @ +5VDC, typical*
Z530 / 2GB / Active: 1.78A @ +5VDC, typical*
Z530 / 2GB / Passive: 1.80A @ +5VDC, typical*
[processor] / [memory] / [cooling type]
*Typical numbers are based on a standard
configuration and are for reference only.
Actual vaules may vary based on applicaton,
operating system, peripherals and memory.
Please contact Sales with questions.
Operating Temperature
(typ. ambient)
-25ºC - +70ºC
*Extended Temp -optional
Provided CPU is kept below 90°C at all
times and the installation has sufficient
thermal path to dissipate
MTBF
219,000 Hours
Calculation method: MIL-HDBK-217F
Dimensions
3.6” x 3.8” (90mm x 96mm)
Same features as LAN1
Weight (gr)
86 g
*Data subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com