Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADLS15PC-1 Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # ADLS15PC-1
Description  Traffic technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLS15PC-1 Datasheet(HTML) 1 Page - ADL Embedded Solutions

  ADLS15PC-1 Datasheet HTML 1Page - ADL Embedded Solutions ADLS15PC-1 Datasheet HTML 2Page - ADL Embedded Solutions ADLS15PC-1 Datasheet HTML 3Page - ADL Embedded Solutions ADLS15PC-1 Datasheet HTML 4Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ADLS15PC PC/104-Plus
Intel® Atom™ CPU 1.1GHz - 1.60GHz
ADL Corporate: 4411 Morena Blvd. Suite 101 | San Diego, CA 92117-4345
T: 855.727.4200
F: 858.490.0599
sales@adl-usa.com
www.adl-usa.com
ADL Germany: Eiserfelder Straße 316 | D-57080 Siegen, Germany
T: +49 (0) 271.250.810.0
F: +49 (0) 271.250.810.20
sales@adl-europe.com
www.adl-europe.com
The ADLS15PC PC/104-Plus is based on the Intel® AtomTM
and the Intel® US15W (PoulsboTM) chipset. The Intel®
AtomTM is a single core processor built on a 45nm process
that boasts an impressive 2.64 watts TDP. The Intel®
AtomTM delivers the benefits of genuine Intel® architecture
to small form factor and thermally constrained markets. The
Intel® US15W System Controller Hub (SCH) incorporates all
functions of legacy GMCH and ICH architectures into a single
die.
The ADLS15PC takes advantage of these features by
delivering high performance and low thermals in a compact
PC/104-Plus form factor. The Intel® graphics controller drives
a CRT to 1600x1200@60Hz and/or 18/24 bit LVDS LCD.
Memory is added via an SODIMM200 socket that will accept
up to 2GB of DDR2-400/533 DRAM. In addition to ACPI/
FEATURES
• Intel® AtomTM
• 1.1GHz - 1.60GHz
• Intel® SCH US15W Chipset
• Power Management
• Up to 2GB DDR2-DRAM
• CRT / LVDS Interface Onboard
• 10/100/1000 Base-T Ethernet
• 8x USB2.0 Ports
• PATA Storage Interface
• COM1, COM2, LPT1
• SM Bus Interface
*Data subject to change without notice.
APM functions, EIDE, 8xUSB 2.0, 2xRS232 COM ports, PS/2
Keyboard and Mouse, LPT, AC97 Sound, 10/100/1000MBit
LAN and more, the ADLS15PC also comes equipped with
up to 8GB onboard SSD. Driver sets for Windows operating
systems, as well as BSP’s for Windows® CE6 and VxWorks®
are available.
ADLSST System Sensor Technology Utility
The ADLSST System Sensor Technology v2.0 utility brings
to the Linux environment the same type of CPU health
monitor functions that have previously been readily available
only in the Windows environment. Click here to download
the drivers.
ADL Embedded Solutions, Inc. offers highly effective active
and passive thermal solutions designed for this product.
Contact your sales representative for more information.
APPLICATIONS
• Factory automation
• Unmanned systems
• Drone payload computing
• Traffic technology
• Rugged surveillance cameras
• Cloud-based IoT solutions
• RTC and Watchdog Timer
• Windows 7, Windows 8, Linux
Compatible
• High Definition Audio
• Up To 8GB Onboard SSD
• PC/104-
Plus embedded form
factor
• +5V Single Rail Power Supply
• Active and passive thermal
solutions available - call for
information
DESCRIPTION


Similar Part No. - ADLS15PC-1

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ADLS15PC-110 ADL-ADLS15PC-110 Datasheet
519Kb / 2P
PC104/Plus Atom
ADLS15PC-112 ADL-ADLS15PC-112 Datasheet
519Kb / 2P
PC104/Plus Atom
ADLS15PC-114 ADL-ADLS15PC-114 Datasheet
519Kb / 2P
PC104/Plus Atom
ADLS15PC-160 ADL-ADLS15PC-160 Datasheet
519Kb / 2P
PC104/Plus Atom
ADLS15PC-162 ADL-ADLS15PC-162 Datasheet
519Kb / 2P
PC104/Plus Atom
More results

Similar Description - ADLS15PC-1

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7329 PMC-PM7329 Datasheet
1Mb / 2P
ATM TRAFFIC MANAGER AND SWITCH
logo
Integrated Device Techn...
89TTM553 IDT-89TTM553 Datasheet
374Kb / 30P
Traffic Manager Co-processor
logo
Dialight Corporation
433-1110-000XL DIALIGHT-433-1110-000XL Datasheet
125Kb / 1P
LED Traffic Modules
433-1110-005XL DIALIGHT-433-1110-005XL Datasheet
60Kb / 1P
Low Voltage LED Traffic Modules
433-1210-003XLB DIALIGHT-433-1210-003XLB Datasheet
102Kb / 1P
12??Bicycle LED Traffic Module
logo
OSRAM GmbH
LOE67B OSRAM-LOE67B Datasheet
438Kb / 19P
Traffic lights
LAE63B OSRAM-LAE63B Datasheet
369Kb / 21P
Traffic lights
LVW5AM OSRAM-LVW5AM Datasheet
999Kb / 23P
Traffic lights and signaling
logo
Renesas Technology Corp
89TTM552 RENESAS-89TTM552 Datasheet
661Kb / 38P
Traffic Manager Data Sheet
April 7, 2005
89TTM553 RENESAS-89TTM553 Datasheet
547Kb / 31P
Traffic Manager Co-processor
March 3, 2005
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com