Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVSW119AT Datasheet(PDF) 5 Page - NICHIA CORPORATION

Part # NVSW119AT
Description  SPECIFICATIONS FOR WHITE LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSW119AT Datasheet(HTML) 5 Page - NICHIA CORPORATION

  NVSW119AT Datasheet HTML 1Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 2Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 3Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 4Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 5Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 6Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 7Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 8Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
NICHIA STS-DA1-1304B <Cat.No.110331>
4
OUTLINE DIMENSIONS
STS-DA7-0228
NVSx119A
管理番号
No.
(単位 Unit: mm)
This product complies with RoHS Directive.
本製品は
RoHS
。
指令に適合しております
*
(単位 Unit: mm, 公差 Tolerance: ±0.2)
KA
保護素子
Protection Device
0.45
Anode
Cathode
0.5
3.17
Cathode Mark
3.5
2.6
項目
Item
パッケージ材質
Package Materials
封止樹脂材質
Encapsulating Resin
Materials
電極材質
Electrodes Materials
レンズ材質
Lens Materials
質量
Weight
内容
Description
セラミックス
Ceramics
シリコーン樹脂 (
)
蛍光体入り
Silicone Resin (with phosphor)
金メッキ
Au-plated
シリコーン樹脂
Silicone Resin
0.034g (TYP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com