Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAVH9F Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LAVH9F
Description  SMT package, standard SMT footprint 0402, colorless diffused resin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LAVH9F Datasheet(HTML) 1 Page - OSRAM GmbH

  LAVH9F Datasheet HTML 1Page - OSRAM GmbH LAVH9F Datasheet HTML 2Page - OSRAM GmbH LAVH9F Datasheet HTML 3Page - OSRAM GmbH LAVH9F Datasheet HTML 4Page - OSRAM GmbH LAVH9F Datasheet HTML 5Page - OSRAM GmbH LAVH9F Datasheet HTML 6Page - OSRAM GmbH LAVH9F Datasheet HTML 7Page - OSRAM GmbH LAVH9F Datasheet HTML 8Page - OSRAM GmbH LAVH9F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2013-07-18
1
2013-07-18
FIREFLY
Datasheet
Version 1.2
LA VH9F
The FIREFLY is designed for use in consumer
applications. Due to its low height and optical
characteristics it is optimized for flat indirect
backlighting of switches.
Die FIREFLY wurde für den Einsatz in Consumer
Anwendungen entwickelt. Aufgrund ihrer geringen
Bauteilhöhe und optischen Eigenschaften ist sie
optimiert für flache indirekte Hinterleuchtung von
Schaltern.
Features:
Besondere Merkmale:
• Package: SMT package, standard SMT footprint
0402, colorless diffused resin
• Gehäusetyp: SMT Gehäuse, standard SMT
footprint 0402, farbloser diffuser Verguss
• Technology: InGaAlP Thinfilm
• Technologie: InGaAlP Thinfilm
• Viewing angle at 50 % IV: 140° (horizontal); 165°
(vertical)
• Abstrahlwinkel bei 50 % IV: 140° (horizontal);
165° (vertical)
• Color: amber (615 nm)
• Farbe: amber (615 nm)
• Optical efficiency (typ.): 43 lm/W (amber)
• Optischer Wirkungsgrad (typ.): 43 lm/W
(amber)
Applications
Anwendungen
• Backlighting
• Hinterleuchtung
• Toys
• Spielsachen
• Signal and Symbol Luminary
• Signal- und Symbolleuchten


Similar Part No. - LAVH9F

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LAV35VB102J TAIYO-YUDEN-LAV35VB102J Datasheet
544Kb / 26P
RADIAL LEADED INDUCTORS
LAV35VB271J TAIYO-YUDEN-LAV35VB271J Datasheet
544Kb / 26P
RADIAL LEADED INDUCTORS
LAV35VB331J TAIYO-YUDEN-LAV35VB331J Datasheet
544Kb / 26P
RADIAL LEADED INDUCTORS
LAV35VB391J TAIYO-YUDEN-LAV35VB391J Datasheet
544Kb / 26P
RADIAL LEADED INDUCTORS
LAV35VB471J TAIYO-YUDEN-LAV35VB471J Datasheet
544Kb / 26P
RADIAL LEADED INDUCTORS
More results

Similar Description - LAVH9F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LR-QH9F OSRAM-LR-QH9F Datasheet
465Kb / 15P
SMT package, standard SMT footprint 0402, colorless diffused resin
LA-VH9F OSRAM-LA-VH9F Datasheet
363Kb / 21P
SMT package, standard SMT footprint 0402, colorless diffused resin
LB-QH9G OSRAM-LB-QH9G Datasheet
741Kb / 21P
SMT package 0402, colorless diffused resin
LR-VH9F OSRAM-LR-VH9F Datasheet
684Kb / 21P
SMT package, standard SMT footprint 0402, colorless diffused resin
LT-QH9G OSRAM-LT-QH9G Datasheet
730Kb / 21P
SMT package 0402, colorless diffused resin
LT-VH9G OSRAM-LT-VH9G Datasheet
694Kb / 21P
SMT package, standard SMT footprint 0402, colorless diffused resin
LW-VH8G OSRAM-LW-VH8G Datasheet
964Kb / 23P
SMT package, standard SMT footprint 0402, colored diffused resin
LB-V19G OSRAM-LB-V19G Datasheet
569Kb / 15P
SMT package, colorless diffused resin
LB-V193 OSRAM-LB-V193 Datasheet
564Kb / 14P
SMT package, colorless diffused resin
LG-V196 OSRAM-LG-V196 Datasheet
572Kb / 14P
SMT package, colorless diffused resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com