Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCWCRDP.CC Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LCWCRDP.CC
Description  SMT ceramic package with silicone resin and silicone lens
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWCRDP.CC Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LCWCRDP.CC Datasheet HTML 6Page - OSRAM GmbH LCWCRDP.CC Datasheet HTML 7Page - OSRAM GmbH LCWCRDP.CC Datasheet HTML 8Page - OSRAM GmbH LCWCRDP.CC Datasheet HTML 9Page - OSRAM GmbH LCWCRDP.CC Datasheet HTML 10Page - OSRAM GmbH LCWCRDP.CC Datasheet HTML 11Page - OSRAM GmbH LCWCRDP.CC Datasheet HTML 12Page - OSRAM GmbH LCWCRDP.CC Datasheet HTML 13Page - OSRAM GmbH LCWCRDP.CC Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
2013-06-15
10
Version 1.2
LCW CRDP.CC
Group Name on Label
Gruppenbezeichnung auf Etikett
Example: KS-5L-L1
Beispiel: KS-5L-L1
Brightness
Helligkeit
Chromaticity Coordinate
Farbort
Forward Voltage
Durchlassspannung
KS
5L
L1
Note:
No packing unit / tape ever contains more than one group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Selektion enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com