Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCWG6CP Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LCWG6CP
Description  white SMT package, colorless clear silicone resin
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWG6CP Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LCWG6CP Datasheet HTML 8Page - OSRAM GmbH LCWG6CP Datasheet HTML 9Page - OSRAM GmbH LCWG6CP Datasheet HTML 10Page - OSRAM GmbH LCWG6CP Datasheet HTML 11Page - OSRAM GmbH LCWG6CP Datasheet HTML 12Page - OSRAM GmbH LCWG6CP Datasheet HTML 13Page - OSRAM GmbH LCWG6CP Datasheet HTML 14Page - OSRAM GmbH LCWG6CP Datasheet HTML 15Page - OSRAM GmbH LCWG6CP Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
2015-04-30
12
Version 1.2
LCW G6CP
5J
0.3512
0.3465
5K
0.3591
0.3522
0.3524
0.3555
0.3608
0.3616
0.3591
0.3522
0.3670
0.3578
0.3608
0.3616
0.3692
0.3677
6J
0.3524
0.3555
6K
0.3608
0.3616
0.3536
0.3646
0.3625
0.3711
0.3608
0.3616
0.3692
0.3677
0.3625
0.3711
0.3714
0.3775
7J
0.3536
0.3646
7K
0.3625
0.3711
0.3548
0.3736
0.3642
0.3805
0.3625
0.3711
0.3714
0.3775
0.3642
0.3805
0.3736
0.3874
8J
0.3548
0.3736
8K
0.3642
0.3805
0.3560
0.3826
0.3659
0.3899
0.3642
0.3805
0.3736
0.3874
0.3659
0.3899
0.3758
0.3973
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com