Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCWW51M Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LCWW51M
Description  white SMD package, colorless clear silicone resin with optic, chip level conversion
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWW51M Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LCWW51M Datasheet HTML 8Page - OSRAM GmbH LCWW51M Datasheet HTML 9Page - OSRAM GmbH LCWW51M Datasheet HTML 10Page - OSRAM GmbH LCWW51M Datasheet HTML 11Page - OSRAM GmbH LCWW51M Datasheet HTML 12Page - OSRAM GmbH LCWW51M Datasheet HTML 13Page - OSRAM GmbH LCWW51M Datasheet HTML 14Page - OSRAM GmbH LCWW51M Datasheet HTML 15Page - OSRAM GmbH LCWW51M Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
LCW W51M
2010-03-01
12
Durchlassstrom
2)4) Seite 21
Forward Current
2)4) page 21
I
F = f (VF); TS = 25 °C
Farbortverschiebung
2) Seite 21
Chromaticity Coordinate Shift
2) page 21
x, y =
f (I
F); TS = 25 °C
solid line: specified DC-range
Relative Lichtstrom
2) 5) Seite 21
Relative Luminous Flux
2) 5) page 21
Φ
V/ΦV(350 mA) = f (I
F); TS = 25 °C
3.5
2
2.0
10
1
10
3.0
2.5
10
3
mA
4.5
4.0 V
OHL02520
5
5
VF
F
I
-0.020
OHL03675
0
F
I
mA
Cy
Cx,
ΔΔ
Cy
Cx
200
400
600
800
1000
-0.015
-0.010
-0.005
0
0.005
0.010
0.015
0.025
V (350 mA)
V
I
F
10 1
10 2
10 3
mA
10
-1
0
10
10
1
5
5
OHL02726
Φ
Φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com