Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRTBG6SF Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LRTBG6SF
Description  white P-LCC-6 package with diffused silicone resin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRTBG6SF Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LRTBG6SF Datasheet HTML 6Page - OSRAM GmbH LRTBG6SF Datasheet HTML 7Page - OSRAM GmbH LRTBG6SF Datasheet HTML 8Page - OSRAM GmbH LRTBG6SF Datasheet HTML 9Page - OSRAM GmbH LRTBG6SF Datasheet HTML 10Page - OSRAM GmbH LRTBG6SF Datasheet HTML 11Page - OSRAM GmbH LRTBG6SF Datasheet HTML 12Page - OSRAM GmbH LRTBG6SF Datasheet HTML 13Page - OSRAM GmbH LRTBG6SF Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
LRTB G6SF
2010-12-02
10
Dominante Wellenlänge6) Seite 23
Dominant Wavelength6) page 23
blue
,
λ
dom = f (IF); TS = 25 °C
Relative Lichtstärke6) Seite 23
Relative Luminous Intensity6) page 23
I
V/
I
V(25 °C) = f (TS); IF = 20 mA
Dominante Wellenlänge6) Seite 23
Dominant Wavelength6) page 23
true green
,
λ
dom = f (IF); TS = 25 °C
I
OHL02526
452
dom
λ
0
mA
nm
F
20
40
60
100
10
30
50
70
454
456
458
460
462
464
466
-40
0.4
-20
0
20
40
I
V (25 ˚C)
I
V
˚C
60
Tj
100
OHL03513
blue
0.6
0.8
1.0
1.2
1.4
1.6
true green
red
I
OHL02527
505
dom
λ
0
mA
nm
20
40
60
80
120
510
515
520
525
530
535
545
F
true green



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com