Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2235S Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2235S
Description  High-Efficiency, 3 A, 16 V, 800 kHz Synchronous Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2235S Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2235S Datasheet HTML 7Page - Monolithic Power Systems MP2235S Datasheet HTML 8Page - Monolithic Power Systems MP2235S Datasheet HTML 9Page - Monolithic Power Systems MP2235S Datasheet HTML 10Page - Monolithic Power Systems MP2235S Datasheet HTML 11Page - Monolithic Power Systems MP2235S Datasheet HTML 12Page - Monolithic Power Systems MP2235S Datasheet HTML 13Page - Monolithic Power Systems MP2235S Datasheet HTML 14Page - Monolithic Power Systems MP2235S Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MP2235S –3 A, 16 V, 800 kHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2235S Rev.1.0
www.MonolithicPower.com
11
4/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
OPERATION
The
MP2235S
is
a
high-frequency,
synchronous, rectified, step-down, switch-mode
converter with built-in power MOSFETs. It
offers a compact solution that achieves a 3 A
continuous output current with excellent load
and line regulation over a 4.5 V to 16 V input
supply range.
The MP2235S has three working modes:
advanced asynchronous modulation (AAM)
mode, discontinuous conduction mode (DCM),
and continuous conduction mode (CCM). The
load current increases as the device transitions
from AAM mode to DCM to CCM.
AAM Control Operation
In a light-load condition, the MP2235S works in
advanced asynchronous modulation (AAM)
mode (see Figure 2). The VAAM is an internal
fixed voltage when the input and output
voltages are fixed. VCOMP is the error-amplifier
output (which represents the peak inductor-
current information). When VCOMP is lower than
VAAM, the internal clock is blocked. This causes
the MP2235S to skip pulses, achieving the
light-load power save. Refer to AN032 for
additional details.
The internal clock re-sets every time VCOMP is
higher than VAAM. Simultaneously, the high-side
MOSFET (HS-FET) turns on and remains on
until VILsense reaches the value set by VCOMP.
The light-load feature in this device is optimized
for 12 V input applications.
Figure 2—Simplified AAM control logic
DCM Control Operation
The VCOMP ramps up as the output current
increases. When its minimum value exceeds
VAAM,
the
device
enters
discontinuous
conduction mode (DCM). In DCM, the internal
clock initiates the PWM cycle, the HS-FET turns
on and remains on until VILsense reaches the
value set by VCOMP (after a period of dead time),
and the low-side MOSFET (LS-FET) turns on
and remains on until the inductor-current value
decreases to zero. The device repeats the
same operation in every clock cycle to regulate
the output voltage (see Figure 3).
IL
Figure 3—DCM control operation
CCM Control Operation
The device enters continuous conduction mode
(CCM) from DCM once the inductor current no
longer drops to zero in a clock cycle. In CCM,
the internal clock initiates the PWM cycle, the
HS-FET turns on and remains on until VILsense
reaches the value set by VCOMP (after a period
of dead time), and the LS-FET turns on and
remains on until the next clock cycle begins.
The device repeats the same operation in every
clock cycle to regulate the output voltage.
If VILsense does not reach the value set by VCOMP
within 92 percent of one PWM period, the HS-
FET is forced off.
Internal Regulator
A 5 V internal regulator powers most of the
internal circuitries. This regulator takes VIN and
operates in the full VIN range. When VIN
exceeds 5 V, the output of the regulator is in full
regulation. When VIN is less than 5 V, the output
decreases, and the part requires a 0.1 µF
ceramic decoupling capacitor.
Error Amplifier (EA)
The error amplifier compares the FB voltage to
the internal 0.804 V reference (VREF) and
outputs a current proportional to the difference
between the two. This output current then
charges
or
discharges
the
internal
compensation network to form the COMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com