Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2263 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2263
Description  Wide Input 3.3V - 30V, 3A, 12uA IQ, Synchronous, Step-Down Converter with External Soft Start and Power Good in Small 2x3mm QFN Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2263 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2263 Datasheet HTML 7Page - Monolithic Power Systems MP2263 Datasheet HTML 8Page - Monolithic Power Systems MP2263 Datasheet HTML 9Page - Monolithic Power Systems MP2263 Datasheet HTML 10Page - Monolithic Power Systems MP2263 Datasheet HTML 11Page - Monolithic Power Systems MP2263 Datasheet HTML 12Page - Monolithic Power Systems MP2263 Datasheet HTML 13Page - Monolithic Power Systems MP2263 Datasheet HTML 14Page - Monolithic Power Systems MP2263 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
MP2263
– 30V, 3A, LOW IQ, SYNCHRONOUS, STEP-DOWN CONVERTER
MP2263 Rev. 1.0
www.MonolithicPower.com
11
6/22/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
The MP2263 is a synchronous, step-down,
switching regulator with integrated, internal, high-
side and low-side power MOSFETs. It provides
3A of highly efficient output current with current-
mode control. The MP2263 has a wide input
voltage range, programmable 350kHz to 2.5MHz
switching frequency, external soft start, and
current limit. Its very low operational quiescent
current makes it suitable for battery-powered
applications.
PWM Control
At moderate-to-high output currents, the MP2263
operates in a fixed-frequency, peak-current-
control mode to regulate the output voltage. A
PWM cycle is initiated by the internal clock. At
the rising edge of the clock, the high-side power
MOSFET (HS-FET) turns on and remains on until
its current reaches the value set by the COMP
voltage (VCOMP). When the high-side power
switch is off, the low-side MOSFET (LS-FET)
turns on and remains on until the next cycle
begins. If the current in the HS-FET does not
reach the COMP-set current value in one PWM
period, the HS-FET remains on, saving a turn-off
operation.
Advanced Asynchronous Mode (AAM)
The MP2263 employs advanced asynchronous
mode (AAM) functionality to optimize efficiency
during light-load or no-load conditions. AAM is
selectable. AAM is enabled by connecting MODE
to a low level or floating MODE. AAM is disabled
by connecting MODE to a high level.
When AAM is enabled, the MP2263 first enters
non-synchronous operation for as long as the
inductor current approaches zero at light load. If
the load is further decreased or is at no load,
VCOMP is below VAAM, and the MP2263 enters
AAM or sleep mode, which consumes very low
quiescent current to improve light-load efficiency
further.
In AAM, the internal clock is reset whenever
VCOMP crosses over VAAM. The crossover time is
taken as the benchmark for the next clock. When
the load increases, and the DC value of VCOMP is
higher than VAAM, the operation mode is DCM or
CCM, which have a constant switching frequency.
AAM Mode
(MODE = Low)
Inductor
Current
t
t
t
Load
Decreased
PWM Mode
(MODE = High)
Inductor
Current
t
t
t
Load
Decreased
Figure 2: AAM and PWM Mode
The MP2263 has a mode selection function. Pull
MODE low or float MODE to set auto PFM/PWM
mode; pull MODE to VCC to set forced PWM
mode. MODE is pulled down internally. Select
MODE before the part starts up.
Error Amplifier (EA)
The error amplifier (EA) compares the FB voltage
with the internal reference (typically 0.8V) and
outputs a current proportional to the difference
between the two. This output current is then used
to charge the internal compensation network to
form VCOMP, which is used to control the power
MOSFET current.
Bias and VCC Regulator
Most of the internal circuitries are powered by the
internal regulator. The MP2263 has two internal
regulators (see Figure 3). The regulator LDO1
takes the VIN input and operates in the full VIN
range. When VIN is greater than 5.0V, the output
of the regulator is in full regulation, and VCC is
5V. When VIN is lower than 5V, the output
degrades.
Another regulator, LDO2, is powered by BIAS.
Connect BIAS to an external power source. Keep
the BIAS voltage higher than 4.8V. VCC and the
internal circuit are powered by BIAS. When VBIAS
is greater than 5V, the output of the regulator is
in full regulation, and VCC is 5V. When VBIAS is
lower than 5V, the output degrades.
LDO2 is enabled when VBIAS > 4.8V. Once LDO2
is enabled, LDO1 is disabled. For a 5V output
application, connect BIAS to VOUT for improved
efficiency. The diode (D1) between BIAS and the
internal circuit
is used for current reverse
blocking. Since LDO1 has no reverse block
function, VBIAS must be less than VIN. Connect
BIAS to GND if BIAS is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com