Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2269 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2269
Description  3.3V - 30V, 1A, 12uA IQ, Synchronous, Step-Down Converter with External Soft Start and Power Good in 2x3mm QFN Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2269 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2269 Datasheet HTML 7Page - Monolithic Power Systems MP2269 Datasheet HTML 8Page - Monolithic Power Systems MP2269 Datasheet HTML 9Page - Monolithic Power Systems MP2269 Datasheet HTML 10Page - Monolithic Power Systems MP2269 Datasheet HTML 11Page - Monolithic Power Systems MP2269 Datasheet HTML 12Page - Monolithic Power Systems MP2269 Datasheet HTML 13Page - Monolithic Power Systems MP2269 Datasheet HTML 14Page - Monolithic Power Systems MP2269 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MP2269 - 30V, 1A, LOW IQ, SYNCHRONOUS STEP-DOWN CONVERTER
MP2269 Rev. 1.0
www.MonolithicPower.com
11
10/11/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
The MP2269 is a synchronous, step-down,
switching regulator with integrated, internal,
high-side and low-side power MOSFETs. It
provides 1A of highly efficient output current
with
current-mode
control.
The
MP2269
features
a
wide
input
voltage
range,
programmable 350kHz to 2.5MHz switching
frequency, external soft start, and current limit.
Its very low operational quiescent current
makes
it
suitable
for
battery-powered
applications.
PWM Control
At
moderate-to-high
output
currents,
the
MP2269 operates in a fixed-frequency, peak-
current-control mode to regulate the output
voltage. A PWM cycle is initiated by the internal
clock. At the rising edge of the clock, the high-
side power MOSFET (HS-FET) is turned on
and remains on until its current reaches the
value set by the COMP voltage (VCOMP). When
the high-side power switch is off, the low-side
MOSFET (LS-FET) is turned on and remains on
until the next cycle begins. If the current in the
HS-FET does not reach the COMP-set current
value in one PWM period, the HS-FET remains
on, saving a turn-off operation.
Advanced Asynchronous Mode (AAM)
The MP2269 employs advanced asynchronous
mode (AAM) functionality to optimize efficiency
during light-load or no-load conditions. AAM
mode is selectable. Enable AAM by connecting
MODE to a low level or floating MODE; disable
AAM by connecting MODE to a high level.
If AAM is enabled, the MP2269 first enters non-
synchronous operation for as long as the
inductor current approaches zero at light load. If
the load is further decreased or is at no load,
VCOMP is below VAAM, and the MP2269 enters
AAM or sleep mode, which consumes very low
quiescent
current
and
improves
light-load
efficiency further.
In AAM, the internal clock is reset whenever
VCOMP crosses over VAAM, and the crossover
time is taken as the benchmark for the next
clock. When the load increases, and the DC
value of VCOMP is higher than VAAM, the
operation mode is DCM or CCM, which have a
constant switching frequency.
AAM
(MODE = Low)
Inductor
Current
t
t
t
Load
Decreased
PWM Mode
(MODE = High)
Inductor
Current
t
t
t
Load
Decreased
Figure 2: AAM and PWM Mode
The MP2269 has a mode selection function
(see Figure 2). Pull MODE low or float MODE to
set auto PFM/PWM mode. Pull MODE high to
set forced PWM mode. MODE is pulled down
internally. Select MODE before the part starts
up.
Error Amplifier (EA)
The error amplifier (EA) compares the FB
voltage with the internal reference (typically
0.8V) and outputs a current proportional to the
difference between the two. This output current
is used to charge the internal compensation
network to form VCOMP, which is used to control
the power MOSFET current.
BIAS and VCC Regulator
Most of the internal circuitry is powered by the
internal regulator. The MP2269 has two internal
regulators (see Figure 3). The regulator LDO1
takes the VIN input and operates in the full VIN
range. When VIN is greater than 5V, the output
of the regulator is in full regulation, and VCC is
5V. When VIN is lower than 5V, the output
degrades.
Another regulator, LDO2, is powered by BIAS.
Connect BIAS to an external power source, and
keep the BIAS voltage higher than 4.8V. VCC
and the internal circuit are then powered by
BIAS. When VBIAS is greater than 5V, the output
of the regulator is in full regulation, and VCC is
5V. When VBIAS is lower than 5V, the output
degrades. LDO2 is enabled when VBIAS > 4.8V.
Once LDO2 is enabled, LDO1 is disabled. For a
5V output application, BIAS is recommended to
be connected to VOUT for improved efficiency.
The diode (D1) between BIAS and the internal
circuit is used for reverse blocking. Since LDO1
has no reverse block function, VBIAS must be
less than VIN. Connect BIAS to GND if BIAS is
not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com