Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2314 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2314
Description  High Efficiency 2A, 24V, 500kHz Synchronous Step Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2314 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2314 Datasheet HTML 8Page - Monolithic Power Systems MP2314 Datasheet HTML 9Page - Monolithic Power Systems MP2314 Datasheet HTML 10Page - Monolithic Power Systems MP2314 Datasheet HTML 11Page - Monolithic Power Systems MP2314 Datasheet HTML 12Page - Monolithic Power Systems MP2314 Datasheet HTML 13Page - Monolithic Power Systems MP2314 Datasheet HTML 14Page - Monolithic Power Systems MP2314 Datasheet HTML 15Page - Monolithic Power Systems MP2314 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
MP2314 – 24V, 2A SYNC STEP DOWN CONVERTER
MP2314 Rev. 1.02
www.MonolithicPower.com
12
9/17/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
The external resistor divider is used to set the
output voltage (see Typical Application on page
1). The feedback resistor R1 also sets the
feedback loop bandwidth with the internal
compensation capacitor (see Typical Application
on page 1). R2 is then given by:
OUT
R1
R2
V
1
0.791V
The T-type network is highly recommended, as
Figure 4 shows.
FB
8
RT
R2
R1
VOUT
Figure 4: T-type Network
Table 1 lists the recommended T-type resistors
value for common output voltages.
Table 1—Resistor Selection for Common Output
Voltages
VOUT (V) R1 (kΩ)
R2 (kΩ) Rt (kΩ) Lo (µH)
Co(µF)
1.05
20.5
62
100
1.8
44
1.2
20.5
39.2
75
2.2
44
1.8
40.2
31.6
59
3.3
44
2.5
40.2
18.7
40.2
4.2
44
3.3
40.2
12.7
33
4.7
44
5
40.2
7.5
20
6.5
44
Selecting the Inductor
A 1µH to 10µH inductor with a DC current rating
of at least 25% percent higher than the maximum
load
current
is
recommended
for
most
applications. For highest efficiency, the inductor
DC resistance should be less than 15mΩ. For
most designs, the inductance value can be
derived from the following equation.
OUT
IN
OUT
1
IN
L
OSC
V(V
V
)
L
VI
f

 
Where ΔIL is the inductor ripple current.
Choose inductor current to be approximately
30% of the maximum load current. The maximum
inductor peak current is:
2
I
I
I
L
LOAD
)
MAX
(
L
Under light load conditions below 100mA, larger
inductance
is
recommended
for
improved
efficiency.
Setting the AAM Voltage
Connect AAM to VCC or float AAM pin will
disable AAM mode, the converter will always
operates in fixed frequency CCM.
Connect a resistor from AAM pin to GND will
enable the AAM mode.
The AAM voltage is used to setting the transition
point from AAM to CCM. It should be chosen to
provide the best combination of efficiency,
stability, ripple, and transient.
If the AAM voltage is set lower, then stability and
ripple improves, but efficiency during AAM mode
and transient degrades. Likewise, if the AAM
voltage is set higher, then the efficiency during
AAM and transient improves, but stability and
ripple degrades. So the optimal balance point of
AAM voltage for good efficiency, stability, ripple
and transient should be found out.
Adjust the AAM threshold by connecting a
resistor from AAM pin to ground. Take Figure 5
as reference. An internal 6.2µA current source
charges the external resistor.
Figure 5: AAM Network
Generally, R4 is then given by:
VAAM=R4 x 6.2uA
The optimized AAM can be got from Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com