Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2316GD Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP2316GD
Description  19V, 3A, 40uA IQ, High-Efficiency Constant On-Time (COT) Step-Down Converter in 2x3mm QFN Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2316GD Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP2316GD Datasheet HTML 10Page - Monolithic Power Systems MP2316GD Datasheet HTML 11Page - Monolithic Power Systems MP2316GD Datasheet HTML 12Page - Monolithic Power Systems MP2316GD Datasheet HTML 13Page - Monolithic Power Systems MP2316GD Datasheet HTML 14Page - Monolithic Power Systems MP2316GD Datasheet HTML 15Page - Monolithic Power Systems MP2316GD Datasheet HTML 16Page - Monolithic Power Systems MP2316GD Datasheet HTML 17Page - Monolithic Power Systems MP2316GD Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
MP2316 – 19V, 3A LOW IQ STEP DOWN CONVERTER
MP2316 Rev. 1.11
www.MonolithicPower.com
14
4/11/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Figure 6—VIN startup min VIN vs. VOUT to
guarantee auto PFM/PWM mode work well
Floating Driver and Bootstrap Charging
An external bootstrap capacitor powers the
floating power MOSFET driver. This floating
driver has its own UVLO protection. This UVLO’s
rising threshold is 2.2V with a hysteresis of
150mV. The bootstrap capacitor voltage is
regulated internally by VIN through D1, M1, Cb,
L1 and C2A (Figure 7). If (VIN-VSW) exceeds 5V,
U1 will regulate M1 to maintain a 5V BST voltage
across Cb.
Figure 7—Bootstrap Charging Circuit
Ramp with small ESR Output Capacitor
When the output capacitors are ceramic ones,
the ESR ripple is not high enough to stabilize the
system, the external ramp compensation is
needed.
Figure 8—Simplified External Ramp Circuit in
PWM Mode with Small ESR Cap
Figure 8 shows a simplified external ramp
compensation for PWM mode. Chose the
external ramp Cr to meet the following condition:
FB
sw
r
11
R
2F
C
5

(7)
Where, RFB is set to 90k internally. Then:
Rramp
Cr
RFB
Cr
I
= I + I
I
(8)
And the Vramp on the VCR can be estimated as:
in
out
ramp
on
ramp
r
VV
VT
RC

(9)
Where, Rramp is set to 900k internally.
As can be seen from equation 9, if there is
instability in PWM mode, we can reduce Cr. If Cr
cannot be reduced further due to limitation from
equation 7, then we can add an external resistor
between SW and CR to reduce the equivalent
Rramp. Typically set Vramp to about 20-40mV
for a stable PWM operation.
Table 1 below is recommended Cr value for
different output voltages. The recommended Cr
value in Table 1 is based on 500kHz switching
frequency, selected output inductor and 22µF
output capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com