Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2321 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP2321
Description  19V, 2A, 40uA IQ, High-Efficiency, Constant-On-Time, Step-Down Converter in a QFN (2mmx3mm) Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2321 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP2321 Datasheet HTML 14Page - Monolithic Power Systems MP2321 Datasheet HTML 15Page - Monolithic Power Systems MP2321 Datasheet HTML 16Page - Monolithic Power Systems MP2321 Datasheet HTML 17Page - Monolithic Power Systems MP2321 Datasheet HTML 18Page - Monolithic Power Systems MP2321 Datasheet HTML 19Page - Monolithic Power Systems MP2321 Datasheet HTML 20Page - Monolithic Power Systems MP2321 Datasheet HTML 21Page - Monolithic Power Systems MP2321 Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
MP2321 – 19V, 2A, LOW IQ, STEP-DOWN CONVERTER
MP2321 Rev. 1.0
www.MonolithicPower.com
18
10/26/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
A larger output capacitor can also achieve a
better
load
transient
response,
but
the
maximum output capacitor limitation should
also be considered in the design application. If
the output capacitor value is too high, the
output voltage cannot reach the design value
during the soft-start time and fails to regulate.
The maximum output capacitor value (Co_max)
can be limited approximately with Equation (23):
O_ MAX
LIM _ AVG
OUT
ss
OUT
C(I
I
) T / V

(23)
Where ILIM_AVG is the average start-up current
during the soft-start period, and Tss is the soft-
start time.
External Bootstrap Diode
The BST voltage may become insufficient in
particular conditions. In this case, an external
bootstrap diode can be added to enhance the
efficiency of the regulator and help prevent BST
voltage insufficiency in light-load PFM operation.
BST voltage insufficiency is more likely to occur
at either of the following conditions:
VIN is low
Duty cycle is large: D =
IN
OUT
V
V
> 65%
In these cases, if the BST voltage is insufficient,
the
output
ripple
voltage
may
become
extremely large at light-load condition or show
poor efficiency at heavy-load condition. Add an
external BST diode from VCC to BST (see
Figure 11).
Figure 11: Optional External Bootstrap Diode
The recommended external BST diode is
IN4148.
PCB Layout Guidelines
Efficient layout of the switching power supplies
is critical for stable operation. A poor layout
design can result in poor line or load regulation
and stability issues. For best results, refer to
Figure 12 and follow the guidelines below.
1. Place the high current paths (GND, IN, and
SW) very close to the device with short,
direct, and wide traces.
2. Place the input capacitor as close to IN and
GND as possible.
3. Place the mode/frequency circuit close to
the part.
4. Place the external feedback resistors next
to FB.
5. Keep the switching node (SW) short and
away from the feedback network.
For better performances, it is recommended to
use four-layer boards. Figure 12 shows the top
and bottom layers (Inner 1 and Inner 2 are both
GND).
sw
VOUT
GND
VIN
R1
R2
GND
C1A
C1B
C2A
C2B
R5
R7
R6
C3
C4
Rb
Cb
R3
L
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com