Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2388 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2388
Description  1A, 21V, 2MHz, High-Efficiency, Synchronous, Step-Down Converter in Ultra-Thin QFN Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2388 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2388 Datasheet HTML 9Page - Monolithic Power Systems MP2388 Datasheet HTML 10Page - Monolithic Power Systems MP2388 Datasheet HTML 11Page - Monolithic Power Systems MP2388 Datasheet HTML 12Page - Monolithic Power Systems MP2388 Datasheet HTML 13Page - Monolithic Power Systems MP2388 Datasheet HTML 14Page - Monolithic Power Systems MP2388 Datasheet HTML 15Page - Monolithic Power Systems MP2388 Datasheet HTML 16Page - Monolithic Power Systems MP2388 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
MP2388 – 1A, 21V, 2MHZ , HIGH-EFFICIENCY, SYNCHRONOUS, STEP-DOWN CONVERTER
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
MP2388 Rev. 1.0
www.MonolithicPower.com
13
4/15/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider is used to set the
output voltage (see Typical Application on page
1). The feedback resistor R1 also sets the
feedback
loop
bandwidth
with
the
internal
compensation
capacitor
(see
the
Typical
Application
on
page
1).
R2
can
then
be
calculated with Equation (1):
OUT
R1
R2
V
1
0.798V
=
−
(1)
The feedback network is shown in Figure 5.
Figure 5: Feedback Network
Table
1
lists
the
recommended
feedback
resistor values for common output voltages.
Table 1: Resistor Selection for Common Output
Voltages
VOUT (V)
R1 (kΩ)
R2 (kΩ)
1.05
191
604
1.2
191
383
1.8
102
82
2.5
102
47.5
3.3
75
24
5
100
19.1
Selecting the Inductor
A 0.47µH-to-4.7µH inductor with a DC current
rating at least 25% percent higher than the
maximum load current is recommended for most
applications. For the highest efficiency, the
inductor DC resistance should be less than
15mΩ. For most designs, the inductance value
can be derived from Equation (2):
OUT
IN
OUT
1
IN
L
OSC
V
(V
V
)
L
V
If
×−
=
×∆ ×
(2)
Where
∆I
L is the inductor ripple current.
Choose the inductor current to be approximately
30% of the maximum load current. The maximum
inductor peak current can be calculated with
Equation (3):
2
I
I
I
L
LOAD
)
MAX
(
L
∆
+
=
(3)
Under light-load conditions below 100mA, a
larger inductance is recommended for improved
efficiency.
Setting the AAM Voltage
The AAM voltage is used to set the transition
point from AAM to PWM. It should be chosen to
provide
the
best
combination
of
efficiency,
stability, ripple, and transient.
If the AAM voltage is set lower, then stability and
ripple improve, but efficiency during AAM mode
and transient degrade. Likewise, if the AAM
voltage is set higher, then the efficiency during
AAM and transient improve, but stability and
ripple degrade.
Adjust the AAM threshold by connecting a
resistor from AAM to ground (see Figure 6). An
internal
6.2µA
current
source
charges
the
external resistor.
AAM
3
Figure 6: AAM Network
Generally, R3 is can be calculated with Equation
(4):
A
R3x6.2
VAAM =
(4)
The optimized AAM is shown in Figure 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com