Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2918GF Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2918GF
Description  4V to 40V Input, Current Mode, Synchronous, Step-Down Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2918GF Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2918GF Datasheet HTML 1Page - Monolithic Power Systems MP2918GF Datasheet HTML 2Page - Monolithic Power Systems MP2918GF Datasheet HTML 3Page - Monolithic Power Systems MP2918GF Datasheet HTML 4Page - Monolithic Power Systems MP2918GF Datasheet HTML 5Page - Monolithic Power Systems MP2918GF Datasheet HTML 6Page - Monolithic Power Systems MP2918GF Datasheet HTML 7Page - Monolithic Power Systems MP2918GF Datasheet HTML 8Page - Monolithic Power Systems MP2918GF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
MP2918
—4V TO 40V SYNCHRONOUS STEP-DOWN CONTROLLER
MP2918 Rev. 1.02
www.MonolithicPower.com
4
5/31/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 24V, TJ = -40°C to +125°C
(4), EN/SYNC = 2V, V
ILIMIT = 75mV, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Input Supply
VIN UVLO threshold (rising)
INUV_RISING
4
4.5
5
V
VIN UVLO threshold (falling)
INUV_FALLING
3.2
3.7
3.95
V
VIN UVLO hysteresis
INUV_HYS
800
mV
VIN supply current with VCC2
bias
IQ_VCC2
VCC2 = 12V, external bias,
VAAM = 5V, VFB = 0.84V,
SENSE+ = SENSE- = 0V,
no switching
25
40
μA
VIN supply current without
VCC2 bias
IQ
VCC2 = 0V, VFB = 0.84V,
VAAM = 5V, SENSE+ = SENSE-
= 0V, no switching
750
1000
μA
VIN AAM current
IQ_AAM
VCC2 = 0V, VAAM = 0.6V,
VFB = 0.84V, SENSE+ =
SENSE- = 12V, no switching
250
350
μA
VIN shutdown current
ISHDN
VEN = 0V
0.5
5
μA
VCC Regulator
VCC1 regulator output voltage
from VIN
VCC1_VIN
VIN > 6V, load = 0 to 50mA
4.5
5
5.5
V
VCC1 regulator load
regulation from VIN
Load
=
0
to
50mA,
VCC2
floating or connected to SGND
1
3
%
VCC1 regulator output voltage
from VCC2
VCC1_VCC2
VCC2 > 6V
5
V
VCC1 regulator load
regulation from VCC2
Load = 0 to 50mA, VCC2 = 12V
1
3
%
VCC2 UVLO threshold (rising)
VCC2_RISING
4.3
4.7
4.92
V
VCC2 UVLO threshold (falling) VCC2_FALLING
4.05
4.45
4.75
V
VCC2 threshold hysteresis
VCC2_HYS
250
mV
VCC2 supply current
IVCC2
VAAM = 5V, VFB = 0.84V,
SENSE+ = SENSE- = 12V,
VCC2 = 12V, no switching
800
1100
μA
VAAM = 0.6V, VFB = 0.84V,
SENSE+ = SENSE- =12V,
VCC2 = 12V, no switching
200
300
μA
Feedback (FB)
Feedback voltage
VFB
4V
 V
IN  40V
0.788
0.800
0.812
V
Feedback current
IFB
VFB = 0.8V
10
nA
Enable (EN/SYNC)
Enable threshold (rising)
VEN_RISING
1.16
1.22
1.28
V
Enable threshold (falling)
VEN_FALLING
1.03
1.09
1.15
V
Enable threshold hysteresis
VEN_TH
130
mV
Enable input current
IEN
VEN/SYNC = 2V
2
5
μA
Enable turn-off delay
tOFF
10
20
40
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com