Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4420 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4420
Description  High Efficiency 2A, 36V, Synchronous Step Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4420 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4420 Datasheet HTML 1Page - Monolithic Power Systems MP4420 Datasheet HTML 2Page - Monolithic Power Systems MP4420 Datasheet HTML 3Page - Monolithic Power Systems MP4420 Datasheet HTML 4Page - Monolithic Power Systems MP4420 Datasheet HTML 5Page - Monolithic Power Systems MP4420 Datasheet HTML 6Page - Monolithic Power Systems MP4420 Datasheet HTML 7Page - Monolithic Power Systems MP4420 Datasheet HTML 8Page - Monolithic Power Systems MP4420 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MP4420
High Efficiency 2A, 36V,
Synchronous Step Down Converter
MP4420 Rev.1.0
www.MonolithicPower.com
1
8/5/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP4420 is a high-frequency, synchronous,
rectified, step-down, switch-mode converter
with built-in power MOSFETs. It offers a very
compact solution to achieve a 2A continuous
output current with excellent load and line
regulation over a wide input supply range. The
MP4420 has synchronous mode operation for
higher efficiency over the output current load
range.
Current-mode operation provides fast transient
response and eases loop stabilization.
Full protection features include over-current
protection and thermal shut down.
The MP4420 requires a minimal number of
readily-available standard external components,
and is available in a space-saving 8-pin
TSOT23 package.
FEATURES
• Wide 4V to 30V Continuous Operating Input
Range
• 36V Input Transient Tolerance for
Automotive Load Dump
• 90mΩ/55mΩ Low RDS(ON) Internal Power
MOSFETs
• High-Efficiency Synchronous Mode
Operation
• Default 410kHz Switching Frequency
• Synchronizes to a 200kHz to 2.2MHz
External Clock
• High Duty Cycle for Automotive Cold-crank
• Power-Save Mode
• Internal Soft-Start
• Power Good
• OCP Protection and Hiccup
• Thermal Shutdown
• Output Adjustable from 0.8V
• Available in an 8-pin TSOT-23 package
APPLICATIONS
• Automotive
• Industrial Control System
• Distributed Power Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MP4420
BST
SW
FB
EN/SYNC
IN
EN/SYNC
VIN
VOUT
47 F
C2
L1
10 H
R2
R1
41.2k
13k
C1
22 F
3.3V/2A
GND
2
6
4
8
3
5
VCC
PG
C3
0.1 F
R3
51k
1
7
C4
100nF
R4
20


Similar Part No. - MP4420

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4420A MPS-MP4420A Datasheet
1Mb / 20P
2A, 36V, High-Efficiency, Synchronous, Step-Down Converter
MP4420AGJ MPS-MP4420AGJ Datasheet
1Mb / 20P
2A, 36V, High-Efficiency, Synchronous, Step-Down Converter
MP4420H MPS-MP4420H Datasheet
768Kb / 20P
High Efficiency 2A, 36V, Synchronous Step-Down Converter
MP4420HGJ MPS-MP4420HGJ Datasheet
768Kb / 20P
High Efficiency 2A, 36V, Synchronous Step-Down Converter
MP4420HGJ-P MPS-MP4420HGJ-P Datasheet
768Kb / 20P
High Efficiency 2A, 36V, Synchronous Step-Down Converter
More results

Similar Description - MP4420

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4420 MPS-MPQ4420 Datasheet
749Kb / 20P
High Efficiency 2A, 36V, Synchronous Step-Down Converter AEC-Q100 Qualified
MPQ4420A MPS-MPQ4420A Datasheet
1Mb / 20P
2A, 36V, High-Efficiency, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4420H MPS-MPQ4420H Datasheet
770Kb / 20P
High Efficiency 2A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MP4420A MPS-MP4420A Datasheet
1Mb / 20P
2A, 36V, High-Efficiency, Synchronous, Step-Down Converter
MP4420H MPS-MP4420H Datasheet
768Kb / 20P
High Efficiency 2A, 36V, Synchronous Step-Down Converter
MP4423 MPS-MP4423 Datasheet
616Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter
MP4423A MPS-MP4423A Datasheet
818Kb / 20P
3A, 36V, High-Efficiency, Synchronous, Step-Down Converter
MP4423H MPS-MP4423H Datasheet
662Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter
MP9942 MPS-MP9942 Datasheet
735Kb / 21P
High Efficiency 2A, 36V, 410kHz Synchronous Step-Down Converter with Power Good
EV4420-J-00A MPS-EV4420-J-00A Datasheet
891Kb / 8P
2A, 36V, Synchronous Step Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com