Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4423 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP4423
Description  High Efficiency 3A, 36V, Synchronous Step Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4423 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP4423 Datasheet HTML 1Page - Monolithic Power Systems MP4423 Datasheet HTML 2Page - Monolithic Power Systems MP4423 Datasheet HTML 3Page - Monolithic Power Systems MP4423 Datasheet HTML 4Page - Monolithic Power Systems MP4423 Datasheet HTML 5Page - Monolithic Power Systems MP4423 Datasheet HTML 6Page - Monolithic Power Systems MP4423 Datasheet HTML 7Page - Monolithic Power Systems MP4423 Datasheet HTML 8Page - Monolithic Power Systems MP4423 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MP4423 – 36V, 3A SYNCHRONOUS STEP-DOWN CONVERTER
MP4423 Rev. 1.0
www.MonolithicPower.com
4
8/18/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TJ = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Supply Current (Shutdown)
ISHDN
VEN = 0V
8
μA
Supply Current (Quiescent)
IQ
VEN = 2V, VFB = 1V
0.5
0.7
mA
HS Switch-ON Resistance
RON_HS
VBST-SW=5V
85
105
mΩ
LS Switch-ON Resistance
RON_LS
VCC =5V
55
75
mΩ
Switch Leakage
ILKG SW
VEN = 0V, VSW =12V
1
μA
Current Limit
ILIMIT
Under 40% Duty Cycle
3.2
4.4
5.5
A
Oscillator Frequency
fSW
VFB=750mV
320
410
500
kHz
Fold-Back Frequency
fFB
VFB<400mV
70
100
130
kHz
Maximum Duty Cycle
DMAX
VFB=750mV, 410kHz
92
95
%
Minimum ON Time
(5)
tON MIN
70
ns
Sync Frequency Range
fSYNC
0.2
2.4
MHz
Feedback Voltage
VFB
780
792
804
mV
Feedback Current
IFB
VFB=820mV
10
100
nA
EN Rising Threshold
VEN RISING
1.15
1.4
1.65
V
EN Falling Threshold
VEN_FALLING
1.05
1.25
1.45
V
EN Threshold Hysteresis
VEN_HYS
150
mV
EN Input Current
IEN
VEN=2V
4
6
μA
VEN=0
0
0.2
μA
VIN Under-Voltage Lockout
Threshold-Rising
INUVRISING
3.3
3.5
3.7
V
VIN Under-Voltage Lockout
Threshold-Falling
INUVFALLING
3.1
3.3
3.5
V
VIN Under-Voltage Lockout
Threshold-Hysteresis
INUVHYS
200
mV
VCC Regulator
VCC
ICC=0mA
4.6
4.9
5.2
V
VCC Load Regulation
ICC=5mA
1.5
4
%
Soft-Start Period
tSS
VOUT from 10% to 90%
0.45
1. 5
2.55
ms
Thermal Shutdown
(5)
150
170
°C
Thermal Hysteresis
(5)
30
°C
PG Rising Threshold
PGVth RISING
as percentage of VFB
86
90
94
%
PG Falling Threshold
PGVth FALLING
as percentage of VFB
80
84
88
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com