Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4473 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP4473
Description  High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4473 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP4473 Datasheet HTML 4Page - Monolithic Power Systems MP4473 Datasheet HTML 5Page - Monolithic Power Systems MP4473 Datasheet HTML 6Page - Monolithic Power Systems MP4473 Datasheet HTML 7Page - Monolithic Power Systems MP4473 Datasheet HTML 8Page - Monolithic Power Systems MP4473 Datasheet HTML 9Page - Monolithic Power Systems MP4473 Datasheet HTML 10Page - Monolithic Power Systems MP4473 Datasheet HTML 11Page - Monolithic Power Systems MP4473 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
MP4473–HIGH-EFFICIENCY, FAST-TRANSIENT, SYNCHRONOUS, STEP-DOWN CONVERTER
MP4473 Rev. 1.0
www.MonolithicPower.com
8
12/15/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (CONTINUED)
VIN = 24V, VOUT = 3.3V, L = 10µH, RFREQ = 63.4k, TA = +25°C, unless otherwise noted.
VO(AC)
10mV/div.
SW
10V/div.
IL
500mA/div.
VIN
10V/div.
VO
2V/div.
SW
20V/div.
IL
2A/div.
VIN
20V/div.
VO
2V/div.
SW
20V/div.
IL
5A/div.
VIN
10V/div.
VO
2V/div.
SW
10V/div.
IL
200mA/div.
VIN
20V/div.
VO
2V/div.
SW
20V/div.
IL
5A/div.
EN
2V/div.
VO
2V/div.
SW
20V/div.
IL
500mA/div.
EN
2V/div.
VO
2V/div.
SW
20V/div.
IL
5A/div.
EN
2V/div.
VO
2V/div.
SW
20V/div.
IL
2A/div.
VO(AC)
50mV/div.
SW
20V/div.
IL
5A/div.
4ms/div.
2μs/div.
Output-Voltage Ripple
IO = 0A
Output-Voltage Ripple
IO = 3A
Start-up Through VIN
IO = 0A
Start-up Through VIN
IO = 3A
Start-up Through EN
IO = 0A
Start-up Through EN
IO = 3A
Shutdown Through EN
IO = 0A
Shutdown Through VIN
IO = 0A
Shutdown Through VIN
IO = 3A
1ms/div.
4ms/div.
100ms/div.
4ms/div.
1ms/div.
1ms/div.
400ms/div.
VIN
20V/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com